Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN012-100YS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN012-100YS
Description  N-channel 100V 12m廓 standard level MOSFET in LFPAK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN012-100YS Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN012-100YS Datasheet HTML 1Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 2Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 3Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 4Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 5Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 6Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PSMN012-100YS_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 23 February 2010
3 of 15
NXP Semiconductors
PSMN012-100YS
N-channel 100V 12m
Ω standard level MOSFET in LFPAK
4.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
100
V
VDGR
drain-gate voltage
Tj ≥ 25 °C; Tj ≤ 175 °C; RGS =20kΩ
-100
V
VGS
gate-source voltage
-20
20
V
ID
drain current
Tmb = 100 °C; see Figure 1
-43
A
Tmb =25°C; see Figure 1
-60
A
IDM
peak drain current
tp ≤ 10 µs; pulsed; Tmb =25°C; see Figure 3
-242
A
Ptot
total power dissipation
Tmb =25°C; see Figure 2
-130
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Tsld(M)
peak soldering
temperature
-260
°C
Source-drain diode
IS
source current
Tmb =25°C
-
60
A
ISM
peak source current
tp ≤ 10 µs; pulsed; Tmb =25°C
-
242
A
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source avalanche
energy
VGS =10V; Tj(init) =25°C; ID =60A; Vsup ≤ 100 V;
RGS =50 Ω; unclamped
-170
mJ
Fig 1.
Continuous drain current as a function of
mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of mounting base temperature
003aad844
0
20
40
60
80
0
50
100
150
200
Tmb (
°C)
ID
(A)
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com