Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN012-100YS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PSMN012-100YS
Description  N-channel 100V 12m廓 standard level MOSFET in LFPAK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN012-100YS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PSMN012-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 9Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 10Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 11Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 12Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 13Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 14Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PSMN012-100YS_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 23 February 2010
12 of 15
NXP Semiconductors
PSMN012-100YS
N-channel 100V 12m
Ω standard level MOSFET in LFPAK
8.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PSMN012-100YS_4
20100223
Product data sheet
-
PSMN012-100YS_3
Modifications:
• Status changed from objective to product.
PSMN012-100YS_3
20100107
Product data sheet
-
PSMN012-100YS_2
PSMN012-100YS_2
20091214
Objective data sheet
-
PSMN012-100YS_1
PSMN012-100YS_1
20091022
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com