Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN012-100YS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN012-100YS
Description  N-channel 100V 12m廓 standard level MOSFET in LFPAK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN012-100YS Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN012-100YS Datasheet HTML 1Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 2Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 3Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 4Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 5Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 6Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PSMN012-100YS
N-channel 100V 12m
Ω standard level MOSFET in LFPAK
Rev. 04 — 23 February 2010
Product data sheet
1.
Product profile
1.1 General description
Standard level N-channel MOSFET in LFPAK package qualified to 175 °C. This product is
designed and qualified for use in a wide range of industrial, communications and domestic
equipment.
1.2 Features and benefits
Advanced TrenchMOS provides low
RDSon and low gate charge
High efficiency gains in switching
power converters
Improved mechanical and thermal
characteristics
LFPAK provides maximum power
density in a Power SO8 package
1.3 Applications
DC-to-DC converters
Lithium-ion battery protection
Load switching
Motor control
Server power supplies
1.4 Quick reference data
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
ID
drain current
Tmb = 25 °C; see Figure 1
--60
A
Ptot
total power
dissipation
Tmb = 25 °C; see Figure 2
-
-
130
W
Tj
junction temperature
-55
-
175
°C
Avalanche ruggedness
EDS(AL)S non-repetitive
drain-source
avalanche energy
VGS =10V; Tj(init) =25°C;
ID =60 A; Vsup ≤ 100 V;
RGS =50 Ω; unclamped
-
-
170
mJ
Dynamic characteristics
QGD
gate-drain charge
VGS =10V; ID =45 A;
VDS = 50 V; see Figure 14
and 15
-19
-
nC
QG(tot)
total gate charge
-
64
-
nC


Similar Part No. - PSMN012-100YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN012-100YS NEXPERIA-PSMN012-100YS Datasheet
871Kb / 15P
N-channel 100V 12mΩ standard level MOSFET in LFPAK
Rev. 04 - 23 February 2010
PSMN012-100YSF NEXPERIA-PSMN012-100YSF Datasheet
335Kb / 14P
NextPower 100 V, 11.8 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN012-100YSFX NEXPERIA-PSMN012-100YSFX Datasheet
335Kb / 14P
NextPower 100 V, 11.8 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
logo
NXP Semiconductors
PSMN012-100YS PHILIPS-PSMN012-100YS_15 Datasheet
242Kb / 15P
N-channel 100V 12m廓 standard level MOSFET in LFPAK
Rev. 04-23 February 2010
More results

Similar Description - PSMN012-100YS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN020-100YS NXP-PSMN020-100YS Datasheet
244Kb / 15P
N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
Rev. 02-7 January 2010
PSMN028-100YS NXP-PSMN028-100YS Datasheet
257Kb / 15P
N-channel LFPAK 100V 27.5 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN013-100BS NXP-PSMN013-100BS Datasheet
229Kb / 15P
N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
Rev. 01-6 January 2011
PSMN012-100YS PHILIPS-PSMN012-100YS_15 Datasheet
242Kb / 15P
N-channel 100V 12m廓 standard level MOSFET in LFPAK
Rev. 04-23 February 2010
PSMN013-100BS PHILIPS-PSMN013-100BS_15 Datasheet
271Kb / 13P
N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
21 February 2014
PSMN020-100YS PHILIPS-PSMN020-100YS_15 Datasheet
311Kb / 14P
N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
26 March 2014
PSMN013-100PS PHILIPS-PSMN013-100PS_15 Datasheet
235Kb / 14P
N-channel 100V 13.9m廓 standard level MOSFET in TO220
10 August 2012
logo
Nexperia B.V. All right...
PSMN012-100YS NEXPERIA-PSMN012-100YS Datasheet
871Kb / 15P
N-channel 100V 12mΩ standard level MOSFET in LFPAK
Rev. 04 - 23 February 2010
PSMN020-100YS NEXPERIA-PSMN020-100YS Datasheet
744Kb / 14P
N-channel 100V 20.5mΩ standard level MOSFET in LFPAK
26 March 2014
PSMN028-100YS NEXPERIA-PSMN028-100YS Datasheet
817Kb / 15P
N-channel LFPAK 100V 27.5 mΩ standard level MOSFET
Rev. 02 - 30 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com