Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D52LC Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # D52LC
Description  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

D52LC Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button D52LC Datasheet HTML 3Page - Maxim Integrated Products D52LC Datasheet HTML 4Page - Maxim Integrated Products D52LC Datasheet HTML 5Page - Maxim Integrated Products D52LC Datasheet HTML 6Page - Maxim Integrated Products D52LC Datasheet HTML 7Page - Maxim Integrated Products D52LC Datasheet HTML 8Page - Maxim Integrated Products D52LC Datasheet HTML 9Page - Maxim Integrated Products D52LC Datasheet HTML 10Page - Maxim Integrated Products D52LC Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
_______________________________________________________________________________________
7
LX
SS
ON
OFF
SHDN
GND
INPUT
2.6V TO 5.5V
VOLTAGE
SELECT
OUTPUT
0.75V TO VIN
PGND
C1
10
µF
C4
0.47
µF
R1
100
Ω
C2
22
µF
C3
1000pF
L1
3.3
µH
OUT
INP
IN
1.2A
D1
D2
MAX1556
MAX1556A
Figure 2. MAX1556 Typical Application Circuit
Figure 1. Functional Diagram
LX
SS
ON
OFF
SHDN
GND
INPUT
2.6V TO 5.5V
VOLTAGE
SELECT
OUTPUT
0.75V TO VIN
PGND
C4
10
µF
C5
22
µF
C6
1000pF
L2
4.7
µH
OUT
INP
IN
600mA
D1
D2
MAX1557
Figure 3. MAX1557 Typical Application Circuit
PWM
COMPARATOR
ERROR
AMPLIFIER
CURRENT-LIMIT
COMPARATOR
0.675V
CURRENT
SENSE
SLOPE
COMP
CLOCK
1MHz
INP
LX
PGND
SS
GND
PWM
AUTO SKIP
CONTROL
SKIP-OVER
ENTER SKIP/
SR OFF
VCS
ZERO-CROSS
DETECT
SHORT-CIRCUIT
PROTECTION
REFERENCE
1.25V
OUT
D1
D2
SHDN
IN
BIAS
OUTPUT
VOLTAGE
SELECTOR
MAX1556
MAX1556A
MAX1557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com