Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D52LC Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # D52LC
Description  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

D52LC Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button D52LC Datasheet HTML 4Page - Maxim Integrated Products D52LC Datasheet HTML 5Page - Maxim Integrated Products D52LC Datasheet HTML 6Page - Maxim Integrated Products D52LC Datasheet HTML 7Page - Maxim Integrated Products D52LC Datasheet HTML 8Page - Maxim Integrated Products D52LC Datasheet HTML 9Page - Maxim Integrated Products D52LC Datasheet HTML 10Page - Maxim Integrated Products D52LC Datasheet HTML 11Page - Maxim Integrated Products D52LC Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2010 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
7/04
Initial release
—
1
3/08
Adding MAX1556A as a new version
1–12
2
6/10
Added soldering temperature, added TOC for external feedback switching
waveforms, and added paragraph discussing noise coupling when using
external feedback resistors
1, 2, 5, 6, 9,
10, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com