Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D52LC Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # D52LC
Description  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

D52LC Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button D52LC Datasheet HTML 2Page - Maxim Integrated Products D52LC Datasheet HTML 3Page - Maxim Integrated Products D52LC Datasheet HTML 4Page - Maxim Integrated Products D52LC Datasheet HTML 5Page - Maxim Integrated Products D52LC Datasheet HTML 6Page - Maxim Integrated Products D52LC Datasheet HTML 7Page - Maxim Integrated Products D52LC Datasheet HTML 8Page - Maxim Integrated Products D52LC Datasheet HTML 9Page - Maxim Integrated Products D52LC Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
6
_______________________________________________________________________________________
Detailed Description
The MAX1556/MAX1557 synchronous step-down con-
verters deliver a guaranteed 1.2A/600mA at output volt-
ages from 0.75V to VIN. They use a 1MHz PWM
current-mode control scheme with internal compensation,
allowing for tiny external components and a fast transient
response. At light loads the MAX1556/MAX1557 automat-
ically switch to pulse-skipping mode to keep the quies-
cent supply current as low as 16µA. Figures 2 and 3
show the typical application circuits.
Control Scheme
During PWM operation the converters use a fixed-fre-
quency, current-mode control scheme. The heart of the
current-mode PWM controller is an open-loop, multiple-
input comparator that compares the error-amp voltage
feedback signal against the sum of the amplified cur-
rent-sense signal and the slope-compensation ramp. At
the beginning of each clock cycle, the internal high-side
p-channel MOSFET turns on until the PWM comparator
trips. During this time the current in the inductor ramps
up, sourcing current to the output and storing energy in
the inductor’s magnetic field. When the p-channel turns
off, the internal low-side n-channel MOSFET turns on.
Now the inductor releases the stored energy while the
current ramps down, still providing current to the output.
The output capacitor stores charge when the inductor
current exceeds the load and discharges when the
inductor current is lower than the load. Under overload
conditions, when the inductor current exceeds the cur-
rent limit, the high-side MOSFET is turned off and the
low-side MOSFET remains on until the next clock cycle.
Pin Description
PIN
NAME
FUNCTION
1
IN
Supply Voltage Input. Connect to a 2.6V to 5.5V source.
2
GND
Ground. Connect to PGND.
3SS
Soft-Start Control. Connect a 1000pF capacitor (CSS) from SS to GND to eliminate input-current
overshoot during startup. CSS is required for normal operation of the MAX1556/MAX1557. For greater
than 22µF total output capacitance, increase CSS to COUT / 22,000 for soft-start. SS is internally
discharged through 200
Ω to GND in shutdown.
4
OUT
Output Sense Input. Connect to the output of the regulator. D1 and D2 select the desired output
voltage through an internal feedback resistor-divider. The internal feedback resistor-divider remains
connected in shutdown.
5
SHDN
Shutdown Input. Drive SHDN low to enable low-power shutdown mode. Drive high or connect to IN
for normal operation.
6
D2
OUT Voltage-Select Input. See Table 1.
7
PGND
Power Ground. Connect to GND.
8LX
Inductor Connection. Connected to the drains of the internal power MOSFETs. High impedance in
shutdown mode.
9
INP
Supply Voltage, High-Current Input. Connect to a 2.6V to 5.5V source. Bypass with a 10µF ceramic
capacitor to PGND.
10
D1
OUT Voltage-Select Input. See Table 1.
—EP
Exposed Paddle. Connect to ground plane. EP also functions as a heatsink. Solder to circuit-board
ground plane to maximize thermal dissipation.
D1
D2
MAX1556
VOUT
MAX1556A
VOUT
MAX1557
VOUT
00
Adjustable
(VFB = 0.75)
from 0.75V to
VIN
3.3V
Adjustable
(VFB = 0.75)
from 0.75V to
VIN
0
1
3.3V
1.5V
1.5V
1
0
2.5V
1.2V
1.3V
1
1
1.8V
2.5V
1.0V
Table 1. Output-Voltage-Select Truth Table
A zero represents D_ being driven low or connected to GND.
A 1 represents D_ being driven high or connected to IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com