Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D52LC Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # D52LC
Description  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

D52LC Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button D52LC Datasheet HTML 4Page - Maxim Integrated Products D52LC Datasheet HTML 5Page - Maxim Integrated Products D52LC Datasheet HTML 6Page - Maxim Integrated Products D52LC Datasheet HTML 7Page - Maxim Integrated Products D52LC Datasheet HTML 8Page - Maxim Integrated Products D52LC Datasheet HTML 9Page - Maxim Integrated Products D52LC Datasheet HTML 10Page - Maxim Integrated Products D52LC Datasheet HTML 11Page - Maxim Integrated Products D52LC Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
_______________________________________________________________________________________
9
VDROPOUT = IOUT x (RDS(ON)P + DCR)
RDS(ON)P is given in the Electrical Characteristics. DCR
for a few recommended inductors is listed in Table 2.
Soft-Start
The MAX1556/MAX1556A/MAX1557 use soft-start to
eliminate inrush current during startup, reducing tran-
sients at the input source. Soft-start is particularly use-
ful for higher-impedance input sources such as Li+ and
alkaline cells. Connect the required soft-start capacitor
from SS to GND. For most applications using a 22µF
output capacitor, connect a 1000pF capacitor from SS
to GND. If a larger output capacitor is used, then use
the following formula to find the value of the soft-start
capacitor:
Soft-start is implemented by exponentially ramping up
the output voltage from 0 to VOUT(NOM) with a time con-
stant equal to CSS times 200k
Ω (see the Typical
Operating Characteristics). Assuming three time con-
stants to full output voltage, use the following formula to
calculate the soft-start time:
Shutdown Mode
Connecting SHDN to GND or logic low places the
MAX1556/MAX1556A/MAX1557 in shutdown mode and
reduces supply current to 0.1µA. In shutdown, the con-
trol circuitry and the internal p-channel and n-channel
MOSFETs turn off and LX becomes high impedance.
Connect SHDN to IN or logic high for normal operation.
Thermal Shutdown
As soon as the junction temperature of the
MAX1556/MAX1556A/MAX1557 exceeds +160°C, the
ICs go into thermal shutdown. In this mode the internal
p-channel switch and the internal n-channel synchro-
nous rectifier are turned off. The device resumes nor-
mal operation when the junction temperature falls
below +145°C.
Applications Information
The MAX1556/MAX1556A/MAX1557 are optimized for
use with small external components. The correct selec-
tion of inductors and input and output capacitors
ensures high efficiency, low output ripple, and fast tran-
sient response.
Adjusting the Output Voltage
The MAX1556/MAX1556A/MAX1557 offer preset output
voltages of 1.0V, 1.2V, 1.3V, 1.5V, 1.8V, 2.5V, and 3.3V
as well as an adjustable output using external resistors.
Whenever possible, the preset outputs (set by D1 and
D2) should be used. With external resistor feedback,
noise coupling to FB can cause alternate LX pulse to
terminate early resulting in an inductor current wave-
form with alternate large and small current pulses. See
the
External Feedback Switching Waveforms graph in
Typical Operating Characteristics section). Note that
external feedback and the alternating large-small pulse
waveform do not impact loop stability and have no
harmful effect on regulation or reliability.
The adjustable output is selected when D1 = D2 = 0
and an external resistor-divider is used to set the output
voltage (see Figure 6). The MAX1556/MAX1557 have a
defined line- and load-regulation slope. The load regu-
lation is for both preset and adjustable outputs and is
described in the
Electrical Characteristics table and
Figures 4 and 5. The impact of the line-regulation slope
tx
x C
SS
SS
= 600
10
3
C
C
SS
OUT
=
22000
Table 2. Inductor Selection
MANUFACTURER
PART
VALUE (µH)
DCR (m
Ω)ISAT (mA)
SIZE (mm)
SHIELDED
Taiyo Yuden
LMNP04SB3R3N
3.3
36
1300
5 x 5 x 2.0
Yes
Taiyo Yuden
LMNP04SB4R7N
4.7
50
1200
5 x 5 x 2.0
Yes
TOKO
D52LC
3.5
73
1340
5 x 5 x 2.0
Yes
TOKO
D52LC
4.7
87
1140
5 x 5 x 2.0
Yes
Sumida
CDRH3D16
4.7
50
1200
3.8 x 3.8 x 1.8
Yes
TOKO
D412F
4.7
100*
1200*
4.8 x 4.8 x 1.2
Yes
Murata
LQH32CN
4.7
97
790
2.5 x 3.2 x 2.0
No
Sumitomo
CXL180
4.7
70*
1000*
3.0 x 3.2 x 1.7
No
Sumitomo
CXLD140
4.7
100*
800*
2.8 x 3.2 x 1.5
No
*
Estimated based upon similar-valued prototype inductors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com