Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D52LC Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # D52LC
Description  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

D52LC Datasheet(HTML) 1 Page - Maxim Integrated Products

  D52LC Datasheet HTML 1Page - Maxim Integrated Products D52LC Datasheet HTML 2Page - Maxim Integrated Products D52LC Datasheet HTML 3Page - Maxim Integrated Products D52LC Datasheet HTML 4Page - Maxim Integrated Products D52LC Datasheet HTML 5Page - Maxim Integrated Products D52LC Datasheet HTML 6Page - Maxim Integrated Products D52LC Datasheet HTML 7Page - Maxim Integrated Products D52LC Datasheet HTML 8Page - Maxim Integrated Products D52LC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX1556/MAX1556A/MAX1557 are low-operating-
current (16µA), fixed-frequency step-down regulators.
High efficiency, low-quiescent operating current, low
dropout, and minimal (27µA) quiescent current in
dropout make these converters ideal for powering
portable devices from 1-cell Li-ion or 3-cell alkaline/NiMH
batteries. The MAX1556 delivers up to 1.2A; has pin-
selectable 1.8V, 2.5V, and 3.3V outputs; and is also
adjustable. The MAX1557 delivers up to 600mA; has pin-
selectable 1V, 1.3V, and 1.5V outputs; and is also
adjustable.
The MAX1556/MAX1556A/MAX1557 contain a low-on-
resistance internal MOSFET switch and synchronous
rectifier to maximize efficiency and dropout perfor-
mance while minimizing external component count. A
proprietary topology offers the benefits of a high fixed-
frequency operation while still providing excellent effi-
ciency at both light and full loads. A 1MHz PWM
switching frequency keeps components small. Both
devices also feature an adjustable soft-start to minimize
battery transient loading.
The MAX1556/MAX1556A/MAX1557 are available in a
tiny 10-pin TDFN (3mm x 3mm) package.
Applications
PDAs and Palmtop Computers
Cell Phones and Smart Phones
Digital Cameras and Camcorders
Portable MP3 and DVD Players
Hand-Held Instruments
Features
o Up to 97% Efficiency
o 95% Efficiency at 1mA Load Current
o Low 16µA Quiescent Current
o 1MHz PWM Switching
o Tiny 3.3µH Inductor
o Selectable 3.3V, 2.5V, 1.8V, 1.5V, 1.3V, 1.2V, 1.0V,
and Adjustable Output
o 1.2A Guaranteed Output Current
(MAX1556/MAX1556A)
o Voltage Positioning Optimizes Load-Transient
Response
o Low 27µA Quiescent Current in Dropout
o Low 0.1µA Shutdown Current
o No External Schottky Diode Required
o Analog Soft-Start with Zero Overshoot Current
o Small, 10-Pin, 3mm x 3mm TDFN Package
16µA IQ, 1.2A PWM
Step-Down DC-DC Converters
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
LX
OUT
SHDN
6
7
8
9
10
INP
D1
3
2
1
SS
GND
IN
5
PGND
D2
4
TDFN
MAX1556
MAX1556A
MAX1557
Pin Configuration
Ordering Information
LX
SS
ON
OFF
SHDN
GND
INPUT
2.6V TO 5.5V
VOLTAGE
SELECT
OUTPUT
0.75V TO VIN
PGND
OUT
INP
IN
D1
D2
MAX1556
MAX1556A
MAX1557
Typical Operating Circuit
19-3336; Rev 2; 6/10
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
TOP
MARK
MAX1556ETB+
-40
°C to +85°C 10 TDFN-EP*
ACQ
MAX1556AETB+
-40
°C to +85°C 10 TDFN-EP*
AUJ
MAX1557ETB+
-40
°C to +85°C 10 TDFN-EP*
ACR
*
EP = Exposed paddle.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - D52LC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D52LC TOKO-D52LC Datasheet
97Kb / 1P
Fixed Inductors for Surface Mounting
logo
Monolithic Power System...
D52LC MPS-D52LC Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
D52LC MPS-D52LC Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
logo
TOKO, Inc
D52LC TOKO-D52LC_16 Datasheet
287Kb / 1P
Ferrite Inductors
More results

Similar Description - D52LC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
PWM Controlled, Step down DC/DC Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_1 Datasheet
718Kb / 12P
16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_11 Datasheet
737Kb / 12P
16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 3; 1/11
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
1.2A Step-down DC-DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
1.5MHz, 1.2A, Step-down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com