Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D52LC Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # D52LC
Description  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

D52LC Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button D52LC Datasheet HTML 4Page - Maxim Integrated Products D52LC Datasheet HTML 5Page - Maxim Integrated Products D52LC Datasheet HTML 6Page - Maxim Integrated Products D52LC Datasheet HTML 7Page - Maxim Integrated Products D52LC Datasheet HTML 8Page - Maxim Integrated Products D52LC Datasheet HTML 9Page - Maxim Integrated Products D52LC Datasheet HTML 10Page - Maxim Integrated Products D52LC Datasheet HTML 11Page - Maxim Integrated Products D52LC Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Chip Information
PROCESS: BiCMOS
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
______________________________________________________________________________________
11
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
10 TDFN
T1033-1
21-0137
90-0003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com