Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D52LC Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # D52LC
Description  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

D52LC Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button D52LC Datasheet HTML 4Page - Maxim Integrated Products D52LC Datasheet HTML 5Page - Maxim Integrated Products D52LC Datasheet HTML 6Page - Maxim Integrated Products D52LC Datasheet HTML 7Page - Maxim Integrated Products D52LC Datasheet HTML 8Page - Maxim Integrated Products D52LC Datasheet HTML 9Page - Maxim Integrated Products D52LC Datasheet HTML 10Page - Maxim Integrated Products D52LC Datasheet HTML 11Page - Maxim Integrated Products D52LC Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
can be reduced by applying a correction factor to the
feedback resistor equation.
First, calculate the correction factor, k, by plugging the
desired output voltage into the following formula:
k represents the shift in the operating point at the feed-
back node (OUT).
Select the lower feedback resistor, R3, to be
≤35.7kΩ to
ensure stability and solve for R2:
Inductor Selection
A 4.7µH inductor with a saturation current of at least
800mA is recommended for the MAX1557 full-load
(600mA) application. For the MAX1556/MAX1556A appli-
cation with 1.2A full load, use a 3.3µH inductor with at
least 1.34A saturation current. For lower full-load cur-
rents the inductor current rating can be reduced. For
maximum efficiency, the inductor’s resistance (DCR)
should be as low as possible. Please note that the core
material differs among different manufacturers and
inductor types and has an impact on the efficiency. See
Table 2 for recommended inductors and manufacturers.
Capacitor Selection
Ceramic input and output capacitors are recommend-
ed for most applications. For best stability over a wide
temperature range, use capacitors with an X5R or bet-
ter dielectric due to their small size, low ESR, and low
temperature coefficients.
Output Capacitor
The output capacitor COUT is required to keep the out-
put voltage ripple small and to ensure regulation loop
stability. COUT must have low impedance at the switch-
ing frequency. A 22µF ceramic output capacitor is rec-
ommended for most applications. If a larger output
capacitor is used, then paralleling smaller capacitors is
suggested to keep the effective impedance of the
capacitor low at the switching frequency.
Input Capacitor
Due to the pulsating nature of the input current in a buck
converter, a low-ESR input capacitor at INP is required
for input voltage filtering and to minimize interference
with other circuits. The impedance of the input capacitor
CINP should be kept very low at the switching frequen-
cy. A minimum value of 10µF is recommended at INP for
most applications. The input capacitor can be increased
for better input filtering.
IN Input Filter
In all MAX1557 applications, connect INP directly to IN
and bypass INP as described in the
Input Capacitor
section. No additional bypass capacitor is required at
IN. For applications using the MAX1556 and
MAX1556A, an RC filter between INP and IN keeps
power-supply noise from entering the IC. Connect a
100
Ω resistor between INP and IN, and connect a
0.47µF capacitor from IN to GND.
Soft-Start Capacitor
The soft-start capacitor, CSS, is required for proper
operation of the MAX1556/MAX1556A/MAX1557. The
recommended value of CSS is discussed in the Soft-
Start section. Soft-start times for various soft-start
capacitors are shown in the
Typical Operating
Characteristics.
PCB Layout and Routing
Due to fast-switching waveforms and high-current
paths, careful PCB layout is required. An evaluation kit
(MAX1556EVKIT) is available to speed design.
When laying out a board, minimize trace lengths
between the IC, the inductor, the input capacitor, and
the output capacitor. Keep these traces short, direct,
and wide. Keep noisy traces, such as the LX node
trace, away from OUT. The input bypass capacitors
should be placed as close as possible to the IC.
Connect GND to the exposed paddle and star PGND
and GND together at the output capacitor. The ground
connections of the input and output capacitors should
be as close together as possible.
075
3
32
.
Vk
V
R
RR
OUTPUT
−
⎛
⎝⎜
⎞
⎠⎟
=
+
()
kx
V x
VV
V
OUTPUT
.
.
.
=
−
⎛
⎝
⎜
⎞
⎠
⎟
−
106
10
075
36
2
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
10
______________________________________________________________________________________
OUTPUT
OUT
R2
R3
SS
REFERENCE
1.25V
ERROR
AMPLIFIER
Figure 6. Adjustable Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com