Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2003
Description  LIN J2602 Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003 Datasheet(HTML) 3 Page - Microchip Technology

  MCP2003 Datasheet HTML 1Page - Microchip Technology MCP2003 Datasheet HTML 2Page - Microchip Technology MCP2003 Datasheet HTML 3Page - Microchip Technology MCP2003 Datasheet HTML 4Page - Microchip Technology MCP2003 Datasheet HTML 5Page - Microchip Technology MCP2003 Datasheet HTML 6Page - Microchip Technology MCP2003 Datasheet HTML 7Page - Microchip Technology MCP2003 Datasheet HTML 8Page - Microchip Technology MCP2003 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2010 Microchip Technology Inc.
DS22230A-page 3
MCP2003/4
1.0
DEVICE OVERVIEW
The MCP2003/4 provides a physical interface between
a microcontroller and a LIN bus. This device will
translate the CMOS/TTL logic levels to LIN logic level,
and vice versa. It is intended for automotive and
industrial applications with serial bus speeds up to
20 Kbaud.
LIN specification 2.1 requires that the transceiver of all
nodes in the system is connected via the LIN pin, refer-
enced to ground and with a maximum external
termination resistance of 510
 from LIN bus to battery
supply. The 510
 corresponds to 1 master and
15 slave nodes.
The VREN pin can be used to drive the logic input of an
external voltage regulator. This pin is high in all modes
except for Power Down mode.
1.1
External Protection
1.1.1
REVERSE BATTERY PROTECTION
An external reverse-battery-blocking diode should be
used to provide polarity protection (see Example 1-1).
1.1.2
TRANSIENT VOLTAGE
PROTECTION (LOAD DUMP)
An external 43V transient suppressor (TVS) diode,
between VBB and ground, with a 50
 transient
protection resistor (RTP) in series with the battery
supply and the VBB pin serve to protect the device from
power transients (see Example 1-1) and ESD events.
While this protection is optional, it is considered good
engineering practice.
1.2
Internal Protection
1.2.1
ESD PROTECTION
For component-level ESD ratings, please refer to the
maximum operation specifications.
1.2.2
GROUND LOSS PROTECTION
The LIN Bus specification states that the LIN pin must
transition to the recessive state when ground is
disconnected. Therefore, a loss of ground effectively
forces the LIN line to a high-impedance level.
1.2.3
THERMAL PROTECTION
The thermal protection circuit monitors the die
temperature and is able to shut down the LIN
transmitter.
There are two causes for a thermal overload. A thermal
shut down can be triggered by either, or both, of the
following thermal overload conditions.
• LIN bus output overload
• Increase in die temperature due to increase in
environment temperature
Driving the TXD and checking the RXD pin makes it pos-
sible to determine whether there is a bus contention
(Rx = low, Tx = high) or a thermal overload condition
(Rx = high, Tx = low). After a thermal overload event,
the device will automatically recover once the die tem-
perature has fallen below the recovery temperature
threshold. See Figure 1-1.
FIGURE 1-1:
THERMAL SHUTDOWN
STATE DIAGRAM
Operation
Mode
Transmitter
Shutdown
LIN bus
Shorted
to VBB
Temp < SHUTDOWN
TEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com