Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2003
Description  LIN J2602 Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2003 Datasheet HTML 1Page - Microchip Technology MCP2003 Datasheet HTML 2Page - Microchip Technology MCP2003 Datasheet HTML 3Page - Microchip Technology MCP2003 Datasheet HTML 4Page - Microchip Technology MCP2003 Datasheet HTML 5Page - Microchip Technology MCP2003 Datasheet HTML 6Page - Microchip Technology MCP2003 Datasheet HTML 7Page - Microchip Technology MCP2003 Datasheet HTML 8Page - Microchip Technology MCP2003 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2010 Microchip Technology Inc.
DS22230A-page 1
MCP2003/4
Features
• The MCP2003 and MCP2004 are compliant with
LIN Bus Specifications 1.3, 2.0 and 2.1 and are
compliant to SAE J2602
• Support Baud Rates up to 20 Kbaud
with
LIN-compatible output driver
• 43V load dump protected
• Very low EMI meets stringent OEM requirements
• Very high ESD immunity:
- >20kV on VBB (IEC 61000-4-2)
- >14kV on LBUS (IEC 61000-4-2)
• Very high immunity to RF disturbances meets
stringent OEM requirements
• Wide supply voltage, 6.0V-27.0V continuous
• Extended Temperature Range: -40 to +125°C
• Interface to PIC® MCU EUSART and standard
USARTs
• Local Interconnect Network (LIN) bus pin:
- Internal pull-up resistor and diode
- Protected against battery shorts
- Protected against loss of ground
- High current drive
• Automatic thermal shutdown
• Low-power mode:
- Receiver monitoring bus and transmitter off,
(
5µA)
Description
This device provides a bidirectional, half-duplex
communication physical interface to automotive and
industrial LIN systems to meet the LIN bus specification
Revision 2.1 and SAE J2602. The device is short circuit
and overtemperature protected by internal circuitry.
The device has been specifically designed to operate in
the automotive operating environment and will survive
all specified transient conditions while meeting all of the
stringent quiescent current requirements.
MCP200X family members:
• 8-pin PDIP, DFN and SOIC packages:
- MCP2003, LIN-compatible driver, with WAKE
pins
- MCP2004, LIN-compatible driver, with
FAULT/TXE pins
Package Types
MCP2004
PDIP, SOIC
FAULT/TXE
CS
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
MCP2003
PDIP, SOIC
WAKE
CS
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
MCP2003
4x4 DFN*
WAKE
CS
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
EP
9
MCP2004
4x4 DFN*
FAULT/TXE
CS
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
EP
9
* Includes Exposed Thermal Pad (EP); see Table 1-1.
LIN J2602 Transceiver


Similar Part No. - MCP2003

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003 Datasheet
918Kb / 34P
LIN J2602 Transceiver
11/29/11
MCP2003-E/MD MICROCHIP-MCP2003-E/MD Datasheet
581Kb / 34P
LIN J2602 Transceiver
03/25/14
MCP2003-E/P MICROCHIP-MCP2003-E/P Datasheet
581Kb / 34P
LIN J2602 Transceiver
03/25/14
MCP2003-E/SN MICROCHIP-MCP2003-E/SN Datasheet
581Kb / 34P
LIN J2602 Transceiver
03/25/14
MCP2003A MICROCHIP-MCP2003A Datasheet
918Kb / 34P
LIN J2602 Transceiver
11/29/11
More results

Similar Description - MCP2003

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
NXP Semiconductors
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
TJA1029 NXP-TJA1029 Datasheet
529Kb / 24P
LIN 2.2A/SAE J2602 transceiver with TXD dominant timeout
Rev. 1-8 January 2013
logo
Micon Design Technology...
PIC16F1829LIN MDTIC-PIC16F1829LIN Datasheet
1Mb / 74P
20-Pin, 8-bit Flash LIN/J2602 Microcontroller
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003_13 Datasheet
918Kb / 34P
LIN J2602 Transceiver
11/29/11
MCP2003 MICROCHIP-MCP2003_14 Datasheet
581Kb / 34P
LIN J2602 Transceiver
03/25/14
logo
Infineon Technologies A...
TLE7268 INFINEON-TLE7268 Datasheet
701Kb / 34P
Dual LIN 2.2 / SAE J2602 Transceiver
Rev. 1.0 2017-09-14
logo
NXP Semiconductors
TJA1027 NXP-TJA1027 Datasheet
650Kb / 24P
ISO 17987/LIN 2.x/SAE J2602 transceiver
Rev. 3-18 December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com