Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2003
Description  LIN J2602 Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2003 Datasheet HTML 12Page - Microchip Technology MCP2003 Datasheet HTML 13Page - Microchip Technology MCP2003 Datasheet HTML 14Page - Microchip Technology MCP2003 Datasheet HTML 15Page - Microchip Technology MCP2003 Datasheet HTML 16Page - Microchip Technology MCP2003 Datasheet HTML 17Page - Microchip Technology MCP2003 Datasheet HTML 18Page - Microchip Technology MCP2003 Datasheet HTML 19Page - Microchip Technology MCP2003 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MCP2003/4
DS22230A-page 16
 2010 Microchip Technology Inc.
2.5
Typical Performance Curves
Note: Unless otherwise indicated, VBB = 6.0V to 18.0V, TA = -40°C to +125°C.
FIGURE 2-1:
TYPICAL IBBQ
FIGURE 2-2:
TYPICAL IBBPD
FIGURE 2-3:
TYPICAL IBBTO
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
6
7.3
12
14.4
18
VBB (V)
-40C
25C
85C
125C
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
6
7.3
12
14.4
18
VBB (V)
-40C
25C
85C
125C
0
0.02
0.04
0.06
0.08
0.1
0.12
6V
7.3V
12V
14.4V
18V
VBB (V)
-40C
25C
85C
125C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com