Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP2003
Description  LIN J2602 Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP2003 Datasheet HTML 8Page - Microchip Technology MCP2003 Datasheet HTML 9Page - Microchip Technology MCP2003 Datasheet HTML 10Page - Microchip Technology MCP2003 Datasheet HTML 11Page - Microchip Technology MCP2003 Datasheet HTML 12Page - Microchip Technology MCP2003 Datasheet HTML 13Page - Microchip Technology MCP2003 Datasheet HTML 14Page - Microchip Technology MCP2003 Datasheet HTML 15Page - Microchip Technology MCP2003 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MCP2003/4
DS22230A-page 12
 2010 Microchip Technology Inc.
2.2
DC Specifications
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBB = 6.0V to 27.0V
TA = -40°C to +125°C
Parameter
Sym
Min.
Typ.
Max.
Units
Conditions
Power
VBB Quiescent Operating
Current
IBBQ
90
150
µA
Operating Mode,
bus recessive (Note 1)
VBB Transmitter-off Current
IBBTO
75
120
µA
Transmitter off,
bus recessive (Note 1)
VBB Power Down Current
IBBPD
5
15
µA
Transmitter off,
bus recessive (Note 1)
VBB Current
with VSS Floating
IBBNOGND
-1
1
mA
VBB = 12V, GND to VBB,
VLIN =0-18V
Microcontroller Interface
High Level Input Voltage
(TXD, FAULT/TXE)
VIH
2.0
5.3
V
Low Level Input Voltage
(TXD, FAULT/TXE)
VIL
-0.3
0.8
V
High Level Input Current
(TXD, FAULT/TXE)
IIH
-2.5
µA
Input voltage = 4.0V
Low Level Input Current
(TXD, FAULT/TXE)
IIL
-10
µA
Input voltage = 0.5V
High Level Voltage (
VREN)
VHVREN
-0.3
VBB+0.3
High Level Output Current
(VREN)
IHVREN
-20
-10
mA
Output voltage = VBB-
0.5V
High Level Input Voltage
(CS)
VIH
2.0
VBB
V
Through a current limiting
resistor
Low Level Input Voltage
(CS)
VIL
-0.3
0.8
V
High Level Input Current
(CS)
IIH
-10.0
10.0
µA
Input voltage = 4.0V
Low Level Input Current
(CS)
IIL
-5.0
5.0
µA
Input voltage = 0.5V
Low Level Input Voltage
(WAKE)
VIL
VBB – 4.0V
V
Low Level Output Voltage
(RXD)
VOL
——
0.4
V
IIN = 2 mA
High Level Output Current
(RXD)
IOH
-1
-1
µA
VLIN - VBB, VRXD = 5.5V
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0
, TX = 0.4 VREG, VLBUS = VBB).
2:
Node has to sustain the current that can flow under this condition; bus must be operational under this
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com