Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP2003
Description  LIN J2602 Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP2003 Datasheet HTML 10Page - Microchip Technology MCP2003 Datasheet HTML 11Page - Microchip Technology MCP2003 Datasheet HTML 12Page - Microchip Technology MCP2003 Datasheet HTML 13Page - Microchip Technology MCP2003 Datasheet HTML 14Page - Microchip Technology MCP2003 Datasheet HTML 15Page - Microchip Technology MCP2003 Datasheet HTML 16Page - Microchip Technology MCP2003 Datasheet HTML 17Page - Microchip Technology MCP2003 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MCP2003/4
DS22230A-page 14
 2010 Microchip Technology Inc.
2.3
AC Specifications
AC CHARACTERISTICS
VBB = 6.0V to 27.0V; TA = -40°C to +125°C
Parameter
Sym
Min.
Typ.
Max.
Units
Test Conditions
Bus Interface – Constant Slope Time Parameters
Slope rising and falling
edges
tslope
3.5
22.5
µs
7.3V <= VBB <= 18V
Propagation Delay of
Transmitter
ttranspd
4.0
µs
ttranspd = max (ttranspdr or ttranspdf)
Propagation Delay of
Receiver
trecpd
6.0
µs
trecpd = max (trecpdr or trecpdf)
Symmetry of Propagation
Delay of Receiver rising
edge w.r.t. falling edge
trecsym
-2.0
2.0
µs
trecsym = max (trecpdf – trecpdr)
Symmetry of Propagation
Delay of Transmitter rising
edge w.r.t. falling edge
ttrans-
sym
-2.0
2.0
µs
ttranssym = max (ttranspdf - ttranspdr)
Time to sample of FAULT/
TXE for bus conflict reporting
tfault
32.5
µs
tfault = max (ttranspd + tslope + trecpd)
Duty Cycle 1 @20.0 kbit/sec
39.6
%tbit
Cbus;Rbus conditions:
1 nF; 1 kW | 6.8 nF; 660W | 10 nF; 500W
THrec(max) = 0.744 x VBB,
THdom(max) = 0.581 x VBB,
VBB =7.0V-18V; tbit = 50 µs
D1 = tbus_rec(min) / 2 x tbit)
Duty Cycle 2 @20.0 kbit/sec
58.1
%tbit
Cbus;Rbus conditions:
1 nF; 1 kW | 6.8 nF; 660W | 10 nF; 500W
THrec(max) = 0.284 x VBB,
THdom(max) = 0.422 x VBB,
VBB =7.6V-18V; tbit = 50 µs
D2 = tbus_rec(max) / 2 x tbit)
Duty Cycle 3 @10.4 kbit/sec
41.7
%tbit
Cbus;Rbus conditions:
1 nF; 1 kW | 6.8 nF; 660W | 10 nF; 500W
THrec(max) = 0.778 x VBB,
THdom(max) = 0.616 x VBB,
VBB =7.0V-18V; tbit = 96 µs
D3 = tbus_rec(min) / 2 x tbit)
Duty Cycle 4 @10.4 kbit/sec
59.0
%tbit
Cbus;Rbus conditions:
1 nF; 1 kW | 6.8 nF; 660W | 10 nF; 500W
THrec(max) = 0.251 x VBB,
THdom(max) = 0.389 x VBB,
VBB =7.6V-18V; tbit = 96 µs
D4 = tbus_rec(max) / 2 x tbit)
Wake-up Timing
Bus Activity Debounce time
tBDB
5
20
µs
Bus debounce time, 10 µs typical
Bus Activity to Vren on
tBACTVE
35
150
µs
After Bus debounce time, 52 µs typical
WAKE to Vren on
tWAKE
150
µs
Chip Select to Vren on
tCSOR
150
µs
Vren floating
Chip Select to Vren off
tCSPD
80
µs
Vren floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com