Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2003
Description  LIN J2602 Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2003 Datasheet HTML 9Page - Microchip Technology MCP2003 Datasheet HTML 10Page - Microchip Technology MCP2003 Datasheet HTML 11Page - Microchip Technology MCP2003 Datasheet HTML 12Page - Microchip Technology MCP2003 Datasheet HTML 13Page - Microchip Technology MCP2003 Datasheet HTML 14Page - Microchip Technology MCP2003 Datasheet HTML 15Page - Microchip Technology MCP2003 Datasheet HTML 16Page - Microchip Technology MCP2003 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2010 Microchip Technology Inc.
DS22230A-page 13
MCP2003/4
Bus Interface
High Level Input Voltage
VIH(LBUS)
0.6 VBB
18
V
Recessive state
Low Level Input Voltage
VIL(LBUS)-8
0.4 VBB
V
Dominant state
Input Hysteresis
VHYS
0.175 VBB
VVIH(LBUS) – VIL(LBUS)
Low Level Output Current
IOL(LBUS)
40
200
mA
Output voltage = 0.1 VBB,
VBB = 12V
Pull-up Current on Input
IPU(LBUS)5
180
µA
~30 k
 internal pull-up
@ VIH (LBUS) = 0.7 VBB
Short Circuit Current Limit
ISC
50
200
mA
(Note 1)
High Level Output Voltage
VOH(LBUS)
0.9 VBB
—VBB
V
Driver Dominant Voltage
V_LOSUP
——
1.2
V
VBB = 7V, RLOAD = 500
Driver Dominant Voltage
V_HISUP
——
2.0
V
VBB = 18V, RLOAD = 500
Driver Dominant Voltage
V_LOSUP-1K
0.6
V
VBB = 7V, RLOAD = 1 k
Driver Dominant Voltage
V_HISUP-1K
0.8
V
VBB = 18V, RLOAD = 1 k
Input Leakage Current
(at the receiver during
dominant bus level)
IBUS_PAS_DOM
-1
-0.4
mA
Driver off,
VBUS = 0V,
VBB = 12V
Input Leakage Current
(at the receiver during
recessive bus level)
IBUS_PAS_REC
12
20
µA
Driver off,
8V < VBB < 18V
8V < VBUs < 18V
VBUS
 VBB
Leakage Current
(disconnected from ground)
IBUS_NO_GND
-10
1.0
+10
µA
GNDDEVICE = VBB,
0V < VBUS < 18V,
VBB = 12V
Leakage Current
(disconnected from VBB)
IBUS
——
10
µA
VBB = GND,
0 < VBUS < 18V,
TA = -40
°C to +85°C
(Note 2)
Receiver Center Voltage
VBUS_CNT
0.475 VBB
0.5
VBB
0.525 VBB
VVBUS_CNT = (VIL (LBUS) +
VIH (LBUS))/2
Slave Termination
RSLAVE
20
30
47
k
2.2
DC Specifications (Continued)
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBB = 6.0V to 27.0V
TA = -40°C to +125°C
Parameter
Sym
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0
, TX = 0.4 VREG, VLBUS = VBB).
2:
Node has to sustain the current that can flow under this condition; bus must be operational under this
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com