Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2003
Description  LIN J2602 Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2003 Datasheet HTML 7Page - Microchip Technology MCP2003 Datasheet HTML 8Page - Microchip Technology MCP2003 Datasheet HTML 9Page - Microchip Technology MCP2003 Datasheet HTML 10Page - Microchip Technology MCP2003 Datasheet HTML 11Page - Microchip Technology MCP2003 Datasheet HTML 12Page - Microchip Technology MCP2003 Datasheet HTML 13Page - Microchip Technology MCP2003 Datasheet HTML 14Page - Microchip Technology MCP2003 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2010 Microchip Technology Inc.
DS22230A-page 11
MCP2003/4
2.0
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings†
VIN DC Voltage on RXD, TXD, FAULT/TXE .....................................................................................................-0.3 to +30V
VIN DC Voltage on CS, WAKE and VREN .......................................................................................................-0.3 to +30V
VBB Battery Voltage, continuous ....................................................................................................................-0.3 to +30V
VBB Battery Voltage, non-operating (LIN bus recessive, t < 60s) ..................................................................-0.3 to +43V
VBB Battery Voltage, transient ISO 7637 Test 1 ......................................................................................................-200V
VBB Battery Voltage, transient ISO 7637 Test 2a ...................................................................................................+150V
VBB Battery Voltage, transient ISO 7637 Test 3a ....................................................................................................-300V
VBB Battery Voltage, transient ISO 7637 Test 3b ...................................................................................................+200V
VLBUS Bus Voltage, continuous.......................................................................................................................-18 to +30V
VLBUS Bus Voltage, transient (Note 1) ............................................................................................................-27 to +43V
ILBUS Bus Short Circuit Current Limit .................................................................................................................... 200 mA
ESD protection on LIN, VBB (IEC 61000-4-2) (Note 2) ........................................................................................... ±8 KV
ESD protection on LIN, VBB (Human Body Model) (Note 3)................................................................................... ±8 KV
ESD protection on all other pins (Human Body Model) (Note 3) ............................................................................ ±4 KV
ESD protection on all pins (Charge Device Model) (Note 4) .................................................................................. ±2 KV
ESD protection on all pins (Machine Model) (Note 5)............................................................................................. ±200V
Maximum Junction Temperature ............................................................................................................................. 150
C
Storage Temperature .................................................................................................................................. -65 to +150
C
Note 1: ISO 7637/1 load dump compliant (t < 500 ms).
2: According to IEC 61000-4-2, 330 ohm, 150 pF and Tranceiver EMC Test Specifications [2] to [4].
3: According to AEC-Q100-002/JESD22-A114.
4: According to AEC-Q100-011B.
5: According to AEC-Q100-003/JESD22-A115.
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com