Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3521 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3521 Datasheet HTML 17Page - International Rectifier IR3521 Datasheet HTML 18Page - International Rectifier IR3521 Datasheet HTML 19Page - International Rectifier IR3521 Datasheet HTML 20Page - International Rectifier IR3521 Datasheet HTML 21Page - International Rectifier IR3521 Datasheet HTML 22Page - International Rectifier IR3521 Datasheet HTML 23Page - International Rectifier IR3521 Datasheet HTML 24Page - International Rectifier IR3521 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
IR3521
Page 21
V3.03
Table 3 - AMD 7 BIT SVID CODES
SVID [6:0] Voltage (V)
SVID [6:0] Voltage (V)
SVID [6:0] Voltage (V)
SVID [6:0]
Voltage (V)
000_0000
1.5500
010_0000
1.1500
100_0000
0.7500
110_0000
0.5000
000_0001
1.5375
010_0001
1.1375
100_0001
0.7375
110_0001
0.5000
000_0010
1.5250
010_0010
1.1250
100_0010
0.7250
110_0010
0.5000
000_0011
1.5125
010_0011
1.1125
100_0011
0.7125
110_0011
0.5000
000_0100
1.5000
010_0100
1.1000
100_0100
0.7000
110_0100
0.5000
000_0101
1.4875
010_0101
1.0875
100_0101
0.6875
110_0101
0.5000
000_0110
1.4750
010_0110
1.0750
100_0110
0.6750
110_0110
0.5000
000_0111
1.4625
010_0111
1.0625
100_0111
0.6625
110_0110
0.5000
000_1000
1.4500
010_1000
1.0500
100_1000
0.6500
110_1000
0.5000
000_1001
1.4375
010_1001
1.0375
100_1001
0.6375
110_1001
0.5000
000_1010
1.4250
010_1010
1.0250
100_1010
0.6250
110_1010
0.5000
000_1011
1.4125
010_1011
1.0125
100_1011
0.6125
110_1011
0.5000
000_1100
1.4000
010_1100
1.0000
100_1100
0.6000
110_1100
0.5000
000_1101
1.3875
010_1101
0.9875
100_1101
0.5875
110_1101
0.5000
000_1110
1.3750
010_1110
0.9750
100_1110
0.5750
110_1110
0.5000
000_1111
1.3625
010_1111
0.9625
100_1111
0.5625
110_1111
0.5000
001_0000
1.3500
011_0000
0.9500
101_0000
0.5500
111_0000
0.5000
001_0001
1.3375
011_0001
0.9375
101_0001
0.5375
111_0001
0.5000
001_0010
1.3250
011_0010
0.9250
101_0010
0.5250
111_0010
0.5000
001_0011
1.3125
011_0011
0.9125
101_0011
0.5125
111_0011
0.5000
001_0100
1.3000
011_0100
0.9000
101_0100
0.5000
111_0100
0.5000
001_0101
1.2875
011_0101
0.8875
101_0101
0.5000
111_0101
0.5000
001_0110
1.2750
011_0110
0.8750
101_0110
0.5000
111_0110
0.5000
001_0111
1.2625
011_0111
0.8625
101_0111
0.5000
111_0111
0.5000
001_1000
1.2500
011_1000
0.8500
101_1000
0.5000
111_1000
0.5000
001_1001
1.2375
011_1001
0.8375
101_1001
0.5000
111_1001
0.5000
001_1010
1.2250
011_1010
0.8250
101_1010
0.5000
111_1010
0.5000
001_1011
1.2125
011_1011
0.8125
101_1011
0.5000
111_1011
0.5000
001_1100
1.2000
011_1100
0.8000
101_1100
0.5000
111_1100
OFF
001_1101
1.1875
011_1101
0.7875
101_1101
0.5000
111_1101
OFF
001_1110
1.1750
011_1110
0.7750
101_1110
0.5000
111_1110
OFF
001_1111
1.1625
011_1111
0.7625
101_1111
0.5000
111_1111
OFF
Table 4 - SVI Send Byte Address Table
SVI Address [6:0] + Wr
Description
110xx100b
Set VID only on Output 1
110xx010b
Set VID only on Output 2
110xx110b
Set VID on both Output 1 and Output 2
Note: ‘x’ in the above Table 4 means the bit could be either ‘1’ or ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com