Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3521 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3521 Datasheet HTML 8Page - International Rectifier IR3521 Datasheet HTML 9Page - International Rectifier IR3521 Datasheet HTML 10Page - International Rectifier IR3521 Datasheet HTML 11Page - International Rectifier IR3521 Datasheet HTML 12Page - International Rectifier IR3521 Datasheet HTML 13Page - International Rectifier IR3521 Datasheet HTML 14Page - International Rectifier IR3521 Datasheet HTML 15Page - International Rectifier IR3521 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
IR3521
Page 12
V3.03
Phase IC1
PWM Latch SET
Control IC CLKOUT
(Phase IC CLKIN)
Control IC PHSOUT
(Phase IC1 PHSIN)
Phase IC 1 PHSOUT
(Phase IC2 PHSIN)
Phase IC 2 PHSOUT
(Phase IC3 PHSIN)
Phase IC 3 PHSOUT
(Phase IC4 PHSIN)
Phase IC4 PHSOUT
(Control IC PHSIN)
Figure 5 Four Phase Oscillator Waveforms
PWM Operation
The PWM comparator is located in the phase IC. Upon receiving the falling edge of a clock, the PWM latch is set
and the PWM ramp amplitude begins to increase prompting the low side driver is turned off. After the non-overlap
time (GATEL < 1.0V), the high side driver is turned on. When the PWM ramp voltage exceeds the error amplifier’s
output voltage, the PWM latch is reset. This also turns off the high side driver, turns on the low side driver after the
non-overlap time and the PWM ramp discharged current is clamped which quickly discharges the internal capacitor
to the output voltage of share adjust amplifier, in phase IC, until the next clock pulse.
The PWM latch is reset dominant allowing all phases to go to zero duty cycle within a few tens of nanoseconds in
response to a load step decrease. Phases can overlap and go up to 100% duty cycle in response to a load step
increase with turn-on gated by the clock pulses. An error amplifier output voltage greater than the common mode
input range of the PWM comparator results in 100% duty cycle regardless of the voltage of the PWM ramp. This
arrangement guarantees the error amplifier is always in control and can demand 0 to 100% duty cycle as required.
It also favors response to a load step decrease which is appropriate given the low output to input voltage ratio of
most systems. The inductor current will increase much more rapidly than decrease in response to load transients.
This control method is designed to provide “single cycle transient response” where the inductor current changes in
response to load transients within a single switching cycle maximizing the effectiveness of the power train and
minimizing the output capacitor requirements. An additional advantage of the architecture is that differences in
ground or input voltage at the phases have no effect on operation since the PWM ramps are referenced to VDAC.
Figure 6 depicts PWM operating waveforms under various conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com