Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3521 Datasheet(PDF) 39 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 39 Page - International Rectifier

Back Button IR3521 Datasheet HTML 35Page - International Rectifier IR3521 Datasheet HTML 36Page - International Rectifier IR3521 Datasheet HTML 37Page - International Rectifier IR3521 Datasheet HTML 38Page - International Rectifier IR3521 Datasheet HTML 39Page - International Rectifier IR3521 Datasheet HTML 40Page - International Rectifier IR3521 Datasheet HTML 41Page - International Rectifier IR3521 Datasheet HTML 42Page - International Rectifier IR3521 Datasheet HTML 43Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
IR3521
Page 39
V3.03
KOhm
R
n
G
R
R
R
O
CS
ROOM
L
R
FB
DRP
7
.
6
10
*
3
.
0
*
5
34
*
10
*
52
.
0
*
577
*
1
3
3
_
_
In the case of thermal compensation is required, use equation (14) to (17) to select the RFB network resistors.
IR3508 EXTERNAL COMPONENTS
Inductor Current Sensing Capacitor CCS and Resistor RCS
Choose CCS1=Ccs2=0.1uF, and calculate RCS,
k
C
R
L
R
CS
L
CS
3
.
2
10
*
1
.
0
)
10
*
52
.
0
/(
10
*
120
1
6
3
9
k
C
R
L
R
CS
L
CS
7
.
4
10
*
1
.
0
)
10
*
47
.
0
/(
10
*
220
2
6
3
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com