Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3521 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3521 Datasheet HTML 3Page - International Rectifier IR3521 Datasheet HTML 4Page - International Rectifier IR3521 Datasheet HTML 5Page - International Rectifier IR3521 Datasheet HTML 6Page - International Rectifier IR3521 Datasheet HTML 7Page - International Rectifier IR3521 Datasheet HTML 8Page - International Rectifier IR3521 Datasheet HTML 9Page - International Rectifier IR3521 Datasheet HTML 10Page - International Rectifier IR3521 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
IR3521
Page 7
V3.03
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Soft Start and Delay
Start Delay
Measure Enable to EAOUTx activation
1
2.9
3.5
ms
Start-up Time
Measure Enable activation to PGOOD
3
8
13
ms
OC Delay Time
V(IINx) – V(OCSETx) = 500 mV
85
170
325
us
SS/DELx to FBx Input Offset
Voltage
With FBx = 0V, adjust V(SS/DELx) until
EAOUTx drives high
0.7
1.4
1.9
V
Charge Current
-30
-50
-70
A
OC Delay/VID Off Discharge
Currents
Note 1
47
A
Fault Discharge Current
2.5
4.5
6.5
A
Hiccup Duty Cycle
I(Fault) / I(Charge)
7
10
12
uA/uA
Charge Voltage
3.5
3.9
4.2
V
Delay Comparator Threshold
Relative to Charge Voltage, SS/DELx
rising Note 1
80
mV
Delay Comparator Threshold
Relative to Charge Voltage, SS/DELx
falling Note 1
120
mV
Delay Comparator Hysteresis
Note 1
40
mV
Discharge Comp. Threshold
150
200
300
mV
Over-Current Comparators
Input Offset Voltage
1V ≤ V(OCSETx) ≤ 3.3V
-35
0
35
mV
OCSET Bias Current
-5%
Vrosc(V)*100
0/Rosc(KΩ)
+5%
A
2048-4096 Count Threshold
Adjust ROSC value to find threshold
16
kΩ
1024-2048 Count Threshold
Adjust ROSC value to find threshold
20
kΩ
Error Amplifiers
VID ≥ 1V
-0.5
0.5
%
0.8V ≤ VID < 1V
-5
+5
mV
System Set-Point Accuracy
(Deviation from Table 1, 2, and
3 per test circuit in Figures 2A
& 2B)
0.5V ≤ VID < 0.8V
-8
+8
mV
Input Offset Voltage
Measure V(FBx) – V(VDACx)). Note 2
-1
0
1
mV
FB1 Bias Current
-5%
Vrosc(V)*1000
/Rosc(KΩ)
+5%
A
FB2 Bias Current
-1
0
1
A
DC Gain
Note 1
100
110
135
dB
Bandwidth
Note 1
20
30
40
MHz
Slew Rate
Note 1
5.5
12
20
V/
s
Sink Current
0.4
0.85
1
mA
Source Current
5.0
8.5
12.0
mA
Maximum Voltage
Measure V(VCCL) – V(EAOUTx)
500
780
950
mV
Minimum Voltage
120
250
mV
Open Voltage Loop Detection
Threshold
Measure V(VCCL) - V(EAOUT), Relative
to Error Amplifier maximum voltage.
125
300
600
mV
Open Voltage Loop Detection
Delay
Measure PHSOUT pulse numbers from
V(EAOUTx) = V(VCCL) to PGOOD = low.
8
Pulses
Enable Input
Blanking Time
Noise Pulse < 100ns will not register an
ENABLE state change. Note 1
75
250
400
ns
VDAC References
Source Currents
Includes I(OCSETx)
-8%
3050*Vrosc(V)
/ ROSC(kΩ)
+8%
A
Sink Currents
Includes I(OCSETx)
-8%
2650*Vrosc(V)
/ ROSC(kΩ)
+8%
A
PGOOD Output
Under Voltage Threshold -
Voutx Decreasing
Reference to VDACx
-365
-315
-265
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com