Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3521 Datasheet(PDF) 34 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3521 Datasheet HTML 30Page - International Rectifier IR3521 Datasheet HTML 31Page - International Rectifier IR3521 Datasheet HTML 32Page - International Rectifier IR3521 Datasheet HTML 33Page - International Rectifier IR3521 Datasheet HTML 34Page - International Rectifier IR3521 Datasheet HTML 35Page - International Rectifier IR3521 Datasheet HTML 36Page - International Rectifier IR3521 Datasheet HTML 37Page - International Rectifier IR3521 Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
IR3521
Page 34
V3.03
VOLTAGE LOOP COMPENSATION
The adaptive voltage positioning (AVP) is usually adopted in the computer applications to improve the transient
response and reduce the power loss at heavy load. Like current mode control, the adaptive voltage positioning
loop introduces extra zero to the voltage loop and splits the double poles of the power stage, which make the
voltage loop compensation much easier.
Adaptive voltage positioning lowers the converter voltage by RO*IO, where RO is the required output impedance of
the converter.
The selection of compensation types depends on the output capacitors used in the converter. For the applications
using Electrolytic, Polymer or AL-Polymer capacitors and running at lower frequency, type II compensation shown
in Figure 21(a) is usually enough. While for the applications using only ceramic capacitors and running at higher
frequency, type III compensation shown in Figure 21(b) is preferred.
For applications where AVP is not required, the compensation is the same as for the regular voltage mode
control. For converter using Polymer, AL-Polymer, and ceramic capacitors, which have much higher ESR zero
frequency, type III compensation is required as shown in Figure 18(b) with RDRP and CDRP removed.
RCP
CCP1
EAOUT
CCP
RFB
RDRP
VO+
VDRP
VDAC
+
-
EAOUT
FB
FB
CFB
CDRP
RCP
EAOUT
CCP1
CCP
RFB
RDRP
VO+
VDRP
VDAC
FB
+
-
EAOUT
RFB1
(a) Type II compensation
(b) Type III compensation
Figure 21 Voltage loop compensation network
Type II Compensation for AVP Applications
Determine the compensation at no load, the worst case condition. Choose the crossover frequency fc between
1/10 and 1/5 of the switching frequency per phase. Assume the time constant of the resistor and capacitor across
the output inductors matches that of the inductor, and determine RCP and CCP from (20) and (21), where LE and
CE are the equivalent inductance of output inductors and the equivalent capacitance of output capacitors
respectively.
2
2
)
*
*
*
2
(
1
*
5
)
2
(
C
C
I
FB
E
E
C
CP
R
C
f
V
R
C
L
f
R
(20)
CP
E
E
CP
R
C
L
C
10
(21)
CCP1 is optional and may be needed in some applications to reduce the jitter caused by the high frequency noise.
A ceramic capacitor between 10pF and 220pF is usually enough.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com