Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3521 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 1 Page - International Rectifier

  IR3521 Datasheet HTML 1Page - International Rectifier IR3521 Datasheet HTML 2Page - International Rectifier IR3521 Datasheet HTML 3Page - International Rectifier IR3521 Datasheet HTML 4Page - International Rectifier IR3521 Datasheet HTML 5Page - International Rectifier IR3521 Datasheet HTML 6Page - International Rectifier IR3521 Datasheet HTML 7Page - International Rectifier IR3521 Datasheet HTML 8Page - International Rectifier IR3521 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
IR3521
Page 1
V3.03
DATA SHEET
XPHASE3
TM AMD SVID CONTROL IC
DESCRIPTION
The IR3521 Control IC combined with an xPHASE3
TM Phase IC provides a full featured and flexible way to
implement a complete AMD SVID power solution. It provides outputs for both the VDD core and VDDNB
auxiliary planes required by the CPU. The IR3521 provides overall system control and interfaces with any
number of Phase ICs each driving and monitoring a single phase. The xPHASE3
TM architecture results in a
power supply that is smaller, less expensive, and easier to design while providing higher efficiency than
conventional approaches.
FEATURES
2 converter outputs for the AMD processor VDD core and VDDNB auxiliary planes
Supports High Speed (HS) I
2C Serial communications
PSI_L serial commands are communicated to a programmable number of phase ICs
0.5% overall system set point accuracy
High speed error amplifiers with wide bandwidth of 20MHz and fast slew rate of 10V/us
Remote sense amplifiers provide differential sensing and require less than 50uA bias current
Programmable Dynamic VID Slew Rates
Programmable VID Offset (VDD output only)
Programmable output impedance (VDD output only)
Programmable Dynamic OC for IDD_Spike
Programmable per phase switching frequency of 250kHz to 1.5MHz
Hiccup over current protection with delay during normal operation
Central over voltage detection and communication to phase ICs through IIN (ISHARE) pin
OVP disabled during dynamic VID down to prevent false triggering
Over voltage signal to system with over voltage detection during powerup and normal operation
Detection and protection of open remote sense lines
Gate Drive and IC bias linear regulator control with programmable output voltage and UVLO
Small thermally enhanced 32L MLPQ (5mm x 5mm) package
ORDERING INFORMATION
Device
Package
Order Quantity
IR3521MTRPBF
32 Lead MLPQ (5 x 5 mm body)
3000 per reel
IR3521MPBF (Samples Only)
32 Lead MLPQ (5 x 5 mm body)
100 piece strips


Similar Part No. - IR3521

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35211 IRF-IR35211 Datasheet
2Mb / 58P
Dual Output Digital Multi-Phase Controller
July 24, 2014 V1.00
IR35211A IRF-IR35211A Datasheet
2Mb / 58P
Dual Output Digital Multi-Phase Controller
July 24, 2014 V1.00
IR35211MTRPBF IRF-IR35211MTRPBF Datasheet
2Mb / 58P
Dual Output Digital Multi-Phase Controller
July 24, 2014 V1.00
IR35211MTYPBF IRF-IR35211MTYPBF Datasheet
2Mb / 58P
Dual Output Digital Multi-Phase Controller
July 24, 2014 V1.00
IR35211MXXYYTRP IRF-IR35211MXXYYTRP Datasheet
2Mb / 58P
Dual Output Digital Multi-Phase Controller
July 24, 2014 V1.00
More results

Similar Description - IR3521

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
XPHASE3TM CONTROL IC
IR3500A IRF-IR3500A Datasheet
841Kb / 48P
XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
XPHASE3TM CONTROL IC
IR3502 IRF-IR3502_09 Datasheet
1Mb / 39P
XPHASE3TM CONTROL IC
IR3513Z IRF-IR3513Z Datasheet
738Kb / 36P
XPHASE3TM POL CONTROL IC
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
XPHASE3TM AMD HYBRID CONTROL IC
IR3522 IRF-IR3522 Datasheet
754Kb / 32P
XPHASE3TM DDR & VTT CONTROL IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
XPHASE3TM DUAL OUTPUT CONTROL IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com