Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3521 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3521 Datasheet HTML 7Page - International Rectifier IR3521 Datasheet HTML 8Page - International Rectifier IR3521 Datasheet HTML 9Page - International Rectifier IR3521 Datasheet HTML 10Page - International Rectifier IR3521 Datasheet HTML 11Page - International Rectifier IR3521 Datasheet HTML 12Page - International Rectifier IR3521 Datasheet HTML 13Page - International Rectifier IR3521 Datasheet HTML 14Page - International Rectifier IR3521 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
IR3521
Page 11
V3.03
SYSTEM THEORY OF OPERATION
PWM Control Method
The PWM block diagram of the xPHASE3
TM architecture is shown in Figure 4. Feed-forward voltage mode control
with trailing edge modulation is used to provide system control. A voltage type error amplifier with high-gain and
wide-bandwidth, located in the Control IC, is used for the voltage control loop. The feed-forward control is
performed by the phase ICs as a result of sensing the input voltage (FET’s drain voltage). The PWM ramp slope
will change with the input voltage and automatically compensate for changes in the input voltage. The input voltage
can change due to variations in the silver box output voltage or due to the wire and PCB-trace voltage drop related
to changes in load current.
CLOCK GENERATOR
PWM
LATCH
CURRENT
SENSE
AMPLIFIER
R
S
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
ERROR
AMPLIFIER
COUT
IR35121CONTROL IC
IR3505 PHASE IC
Output 1 Only
PWM
COMPARATOR
PWM
COMPARATOR
-
+
+
+
RAMP
DISCHARGE
CLAMP
ENABLE
BODY
BRAKING
COMPARATOR
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
PWM
LATCH
CURRENT
SENSE
AMPLIFIER
R
S
IR3505 PHASE IC
CCS
REMOTE SENSE
AMPLIFIER
RCS
CFB2
CBST
RCS
CCS
CBST
CCP13
RDRP1
RFB12
RFB11
CDRP2
3K
CLK
D
Q
+
-
3K
RCP1
CCP14
CLK
D
Q
+
-
GND
VOUT1
VDAC1
VOUT1
ISHARE
PHSIN
VOSNS1-
VOSNS1+
DACIN
VCC
EAIN
GATEH
IIN1
VDRP1
LGND
EAOUT1
CLKOUT
CSIN-
CSIN+
GATEL
VCCL
VCCH
SW
VIN
FB1
CLKIN
PHSOUT
CLKIN
PHSOUT
PGND
EAIN
GATEH
ISHARE
PHSIN
DACIN
VCC
VCCL
VCCH
CSIN-
CSIN+
GATEL
PHSIN
PHSOUT
SW
PGND
VID6
IROSC
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
GATE DRIVE
VOLTAGE
-
+
+
+
ENABLE
RAMP
DISCHARGE
CLAMP
BODY
BRAKING
COMPARATOR
IFB1
VDRP1 AMP
VDAC
Figure 4 - PWM Block Diagram
Frequency and Phase Timing Control
The oscillator (system clock) is located in the Control IC and is programmable from 250 kHz to 9 MHZ by an
external resistor. The control IC clock signal (CLKOUT) is connected to CLKIN of all the phase ICs. The phase
timing of the phase ICs is controlled by the daisy chain loop. The control IC phase clock output (PHSOUT) is
connected to the phase clock input (PHSIN) of the first phase IC, and PHSOUT of the first phase IC is connected to
PHSIN of the second phase IC, etc. The last phase IC (PHSOUT) is connected back to PHSIN of the control IC to
complete the loop. During power up, the control IC sends out clock signals from both CLKOUT and PHSOUT pins
and detects the feedback at PHSIN pin to determine the phase number and monitor any fault in the daisy chain
loop. Figure 5 shows the phase timing for a four phase converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com