Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT100 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # INT100
Description  Low-Side and High-side Drive with Simultaneous Conduction Lockout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT100 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  INT100 Datasheet HTML 1Page - Power Integrations, Inc. INT100 Datasheet HTML 2Page - Power Integrations, Inc. INT100 Datasheet HTML 3Page - Power Integrations, Inc. INT100 Datasheet HTML 4Page - Power Integrations, Inc. INT100 Datasheet HTML 5Page - Power Integrations, Inc. INT100 Datasheet HTML 6Page - Power Integrations, Inc. INT100 Datasheet HTML 7Page - Power Integrations, Inc. INT100 Datasheet HTML 8Page - Power Integrations, Inc. INT100 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
INT100
C
6/96
4
100
0
0
100
200
Gate Charge (nC)
200
300
400
VIN = 200 V
VIN = 300 V
VIN = 400 V
Figure 4. Using the INT100 in a 3-phase Configuration.
Figure 5. Gate Charge versus Switching Frequency.
PI-1458-042695
HV+
VDD
LS IN
HV-
INT100
PHASE 1
PHASE 2
PHASE 3
D1
C1
C2
R2
R1
Q2
Q1
HS IN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com