Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT100 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # INT100
Description  Low-Side and High-side Drive with Simultaneous Conduction Lockout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT100 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button INT100 Datasheet HTML 4Page - Power Integrations, Inc. INT100 Datasheet HTML 5Page - Power Integrations, Inc. INT100 Datasheet HTML 6Page - Power Integrations, Inc. INT100 Datasheet HTML 7Page - Power Integrations, Inc. INT100 Datasheet HTML 8Page - Power Integrations, Inc. INT100 Datasheet HTML 9Page - Power Integrations, Inc. INT100 Datasheet HTML 10Page - Power Integrations, Inc. INT100 Datasheet HTML 11Page - Power Integrations, Inc. INT100 Datasheet HTML 12Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
INT100
C
6/96
8
Figure 7. Switching Time/Deadtime Test Circuit.
PI-1459-042695
15 V
INPUT
CL
1000 pF
CL
1000 pF
1
µF
100 nF
0 V
INPUT
LS OUT
td(on)LS
5 V
15 V
0 V
10%
10%
90%
90%
tf
tr
td(off)LS
td(on)HS
10%
10%
90%
90%
tf
tr
td(off)HS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
HS OUT
15 V
0 V
Dtp+
50%
Dtp-
50%
50%
50%
50%
50%
50%
1.1
1.0
0.9
-50 -25
0
25
50
75 100 125 150
Junction Temperature (
°C)
BREAKDOWN vs. TEMPERATURE
2.0
1.5
0
0
25
50
75
100
125
1
Junction Temperature (
°C)
PACKAGE POWER DERATING
0.5
150
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com