Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT100 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # INT100
Description  Low-Side and High-side Drive with Simultaneous Conduction Lockout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT100 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button INT100 Datasheet HTML 4Page - Power Integrations, Inc. INT100 Datasheet HTML 5Page - Power Integrations, Inc. INT100 Datasheet HTML 6Page - Power Integrations, Inc. INT100 Datasheet HTML 7Page - Power Integrations, Inc. INT100 Datasheet HTML 8Page - Power Integrations, Inc. INT100 Datasheet HTML 9Page - Power Integrations, Inc. INT100 Datasheet HTML 10Page - Power Integrations, Inc. INT100 Datasheet HTML 11Page - Power Integrations, Inc. INT100 Datasheet HTML 12Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
C
6/96
INT100
9
PI-1846-050196
16
1
A
L
C
DIM
inches
mm
A
.398-.413
10.10-10.50
B
.050 BSC
1.27 BSC
C
.014-.018
0.36-0.46
E
.093-.104
2.35-2.65
F
.004-.012
0.10-0.30
J
.394-.418
10.01-10.62
L
.009-.012
0.23-0.32
M
.020-.040
0.51-1.02
N
.291-.299
7.40-7.60
9
8
B
E
F
J
0-8˚ TYP.
M
N
Notes:
1. Package dimensions conform to JEDEC
specification MS-013-AA for standard small outline
(SO) package, 16 leads, 7.50 mm (.300 inch) body
width (issue A, June 1985).
2. Controlling dimensions are in mm.
3. Dimensions are for the molded body and do not
include mold flash or protrusions. Mold flash or
protrusions shall not exceed .15 mm (.006 inch) on
any side.
4. Pin 1 side identified by chamfer on top edge of
the package body or indent on Pin 1 end.
(3)
(3)
S16A
Plastic SO-16 (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com