Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT100 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # INT100
Description  Low-Side and High-side Drive with Simultaneous Conduction Lockout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT100 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button INT100 Datasheet HTML 2Page - Power Integrations, Inc. INT100 Datasheet HTML 3Page - Power Integrations, Inc. INT100 Datasheet HTML 4Page - Power Integrations, Inc. INT100 Datasheet HTML 5Page - Power Integrations, Inc. INT100 Datasheet HTML 6Page - Power Integrations, Inc. INT100 Datasheet HTML 7Page - Power Integrations, Inc. INT100 Datasheet HTML 8Page - Power Integrations, Inc. INT100 Datasheet HTML 9Page - Power Integrations, Inc. INT100 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
INT100
C
6/96
6
Conditions
(Unless Otherwise Specified)
Parameter
Symbol
V
DDH =
V
DD = 15 V
Min
Typ
Max
Units
HS RTN = LS RTN = COM = 0 V
T
A = -40 to 85°C
V
DD Voltage ................................................................ 16.5 V
V
DDH Voltage ........................................... HS RTN + 16.5 V
HS RTN ............................................. 800 V - V
DDH to -VDDH
HS RTN Slew Rate ................................................... 10V/ns
Logic Input Voltage ...................................... -0.3V to 5.5 V
LS OUT Voltage ................ LS RTN - 0.3 V to V
DD + 0.3 V
HS OUT Voltage .............. HS RTN - 0.3 V to V
DDH + 0.3 V
Storage Temperature ....................................... –65 to 125
°C
ABSOLUTE MAXIMUM RATINGS1
Ambient Temperature ........................................ -40 to 85
°C
Junction Temperature ................................................. 150
°C
Lead Temperature(2). ................................................... 260
°C
Power Dissipation (T
A = 25°C) .................................. 2.3 W
(T
A = 70°C) .................................. 1.5 W
Thermal Impedance (
θ
JA) ......................................... 55°C/W
1. Unless noted, all voltages referenced to COM, T
A = 25°C
2. 1/16" from case for 5 seconds.
V
IH = 4.0 V
V
IL = 1.0 V
LS OUT
I
o= -20 mA
HS OUT
I
o= 40 mA
V
o= 0 V
See Note 1
V
o= 15 V
LS OUT
See Figure 7
HS OUT
See Figure 7
LS OUT
See Figure 7
HS OUT
See Figure 7
0
10
150
-20
0
20
4.0
1.0
0.3
0.7
V
DD-1.0
V
DD-0.5
V
DDH-1.0 VDDH-0.5
0.3
1.0
-150
300
0.6
1.0
1.0
1.5
80
120
500
1000
420
600
50
100
I
IH, IIL
V
IH
V
IL
V
HY
V
OH
V
OL
I
OS
t
d(on)LS
t
d(on)HS
t
r
t
d(off)LS
t
d(off)HS
t
f
µA
V
V
V
V
V
mA
µs
ns
ns
ns
LS OUT/HS OUT
LOGIC
Input Current,
High or Low
Input Voltage
High
Input Voltage
Low
Input Voltage
Hysteresis
Output
Voltage High
Output
Voltage Low
Output Short
Circuit Current
Turn-on Delay
Time
Rise
Time
Turn-off Delay
Time
Fall
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com