Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT100 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # INT100
Description  Low-Side and High-side Drive with Simultaneous Conduction Lockout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT100 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  INT100 Datasheet HTML 1Page - Power Integrations, Inc. INT100 Datasheet HTML 2Page - Power Integrations, Inc. INT100 Datasheet HTML 3Page - Power Integrations, Inc. INT100 Datasheet HTML 4Page - Power Integrations, Inc. INT100 Datasheet HTML 5Page - Power Integrations, Inc. INT100 Datasheet HTML 6Page - Power Integrations, Inc. INT100 Datasheet HTML 7Page - Power Integrations, Inc. INT100 Datasheet HTML 8Page - Power Integrations, Inc. INT100 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
C
6/96
INT100
3
Pin Functional Description
Pin 1:
V
DD supplies power to the logic, high-
side interface, and low-side driver.
Pin 2:
Active-low logic level input
HS IN
HS IN
HS IN
HS IN
HS IN
controls the high-side driver output.
Pin 3:
Active-high logic level input LS IN
controls the low-side driver output.
Pin 4, 5:
COM connection is used as the analog
reference point for the circuit.
Pin 7:
LS RTN is the power reference point for
the low-side circuitry, and should be
connected to the source of the low-side
MOSFET and to the COM pin.
Pin 8:
LS OUT is the driver output which
controls the low-side MOSFET.
Pin 11:
HS OUT is the driver output which
controls the high-side MOSFET.
Pin 12,13,14:
HS RTN is the power reference point
for the high-side circuitry, and should be
connected to the source of the high-side
MOSFET.
Pin 15:
V
DDH supplies power to the high-side
control logic and output driver. This is
normally connected to a high-side
referenced bootstrap circuit or can be
supplied from a separate floating power
supply.
INT100 Functional Description
5 V Regulators
Both low-side and high-side driver
circuits incorporate a 5 V linear regulator
circuit. The low-side regulator provides
the supply voltage for the control logic
and high-voltage level shift circuit. This
allows
HS IN and LS IN to be directly
compatible with 5 V CMOS logic
without the need of an external 5 V
supply. The high-side regulator provides
the supply voltage for the noise rejection
circuitry and high-side control logic.
Undervoltage Lockout
The undervoltage lockout circuit for the
low-side driver disables both the LS
OUT and HS OUT pins whenever the
V
DD power supply falls below typically
9.0 V, and maintains this condition until
the V
DD
power supply rises above
typically 9.35 V. This guarantees that
both MOSFETs will remain off during
power-up or fault conditions.
The undervoltage lockout circuit for the
high-side driver disables the HS OUT
pin whenever the V
DDH power supply
falls below typically 9.0 V, and maintains
this condition until the V
DDH power
supply rises above typically 9.35 V.
This guarantees that the high-side
MOSFET will be off during power-up
or fault conditions.
Level Shift
The level shift control circuitry of the
low-side driver is connected to integrated
high-voltage N-channel MOSFET
transistors which perform the level-
shifting function for communication to
the high-side driver. Controlled current
capability allows the drain voltage to
float with the high-side driver. Two
individual channels produce a true
differential communication channel for
accurately controlling the high-side
driver in the presence of fast moving
high-voltage waveforms. The high
voltage level shift transistors employed
exhibit very low output capacitance,
minimizing the displacement currents
between the low-side and high-side
drivers during fast moving voltage
transients created during switching of
the external MOSFETs. As a result,
power dissipation is minimized and noise
immunity optimized.
The pulse circuit provides the two high-
voltage level shifters with precise timing
signals. These signals are used by the
discriminator to reject spurious noise.
The combination of differential
communication with the precise timing
provides maximum immunity to noise.
Simultaneous Conduction Lockout
A latch prevents the low-side driver and
high-side driver from being on at the
same time, regardless of the input signals.
Delay Circuit
The delay circuit matches the low-side
propagation delay with the combination
of the pulse circuit, high voltage level
shift, and high-side driver propagation
delays. This ensures that the low-side
driver and high-side driver will never be
on at the same time during switching
transitions in either direction.
Driver
The CMOS drive circuitry on both low-
side and high-side driver ICs provide
drive power to the gates of the external
MOSFETs. The drivers consist of a
CMOS buffer capable of driving external
transistor gates at up to 15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com