Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT100 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # INT100
Description  Low-Side and High-side Drive with Simultaneous Conduction Lockout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT100 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  INT100 Datasheet HTML 1Page - Power Integrations, Inc. INT100 Datasheet HTML 2Page - Power Integrations, Inc. INT100 Datasheet HTML 3Page - Power Integrations, Inc. INT100 Datasheet HTML 4Page - Power Integrations, Inc. INT100 Datasheet HTML 5Page - Power Integrations, Inc. INT100 Datasheet HTML 6Page - Power Integrations, Inc. INT100 Datasheet HTML 7Page - Power Integrations, Inc. INT100 Datasheet HTML 8Page - Power Integrations, Inc. INT100 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
C
6/96
INT100
5
General Circuit Operation
observed. The order of signal application
should be V
DD, logic signals, and then
HV+. V
DD should be supplied from a
low impedance voltage source.
The output returns (HS RTN and LS
RTN) are isolated from one another by
the internal high-voltage MOSFET level
shifters.
The level shift circuitry is
designed to operate properly even when
the HS RTN swings as much as 5 V
below the LS RTN pin with V
DDH biased
at 15 V. The INT100 will also safely
tolerate more negative voltages (as low
as -V
DDH below LS RTN).
Maximum frequency of operation is
limited by power dissipation due to high-
voltage switching, gate charge, and bias
power. Figure 5 indicates the maximum
switching frequency as a function of
input voltage and gate charge. For higher
ambient temperatures, the switching
frequency should be derated linearly.
One phase of a three-phase motor drive
circuit is shown in Figure 4 to illustrate
an application of the INT100. The LS
IN signal directly controls MOSFET
Q1. The
HSIN signalcontrolsMOSFET
Q2 via the high voltage level shift
transistors communicating with the high-
side driver. The INT100 will ignore
input signals that would command both
Q1 and Q2 to conduct simultaneously,
protecting against shorting the HV+ bus
to HV-.
Local bypassing for the low-side driver
is provided by C1. Bootstrap bias for the
high-side driver is provided by D1 and
C2. Slew rate and effects of parasitic
oscillations in the load waveforms are
controlled by resistors R1 and R2.
The inputs are designed to be compatible
with 5 V CMOS logic levels and should
not be connected to V
DD. Normal CMOS
power supply sequencing should be
The bootstrap capacitor must be large
enough to provide bias current over the
entire on-time of the high-side driver
without significant voltage sag or decay.
The high-side MOSFET gate charge
must also be supplied at the desired
switching frequency. Figure 6 shows
the maximum high-side on-time versus
gate charge of the external MOSFET.
Applications with extremely long high-
side on times require special techniques
discussed in AN-10.
The high-side driver is latched on and
off by the edges of the appropriate low-
side logic signal. The high-side driver
will latch off and stay off if the bootstrap
capacitor discharges below the
undervoltage lockout threshold.
Undervoltage lockout-induced turn off
can occur during conditions such as
power ramp up, motor start, or low speed
operation.
Figure 6. High-side On Time versus Bootstrap Capacitor.
1000
0.1
0.01
0.01
0.1
1
10
100
High Side On Time (ms)
CBOOTSTRAP vs. ON TIME
1
100
10
QG = 20 nC
QG = 100 nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com