Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT100 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # INT100
Description  Low-Side and High-side Drive with Simultaneous Conduction Lockout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT100 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  INT100 Datasheet HTML 1Page - Power Integrations, Inc. INT100 Datasheet HTML 2Page - Power Integrations, Inc. INT100 Datasheet HTML 3Page - Power Integrations, Inc. INT100 Datasheet HTML 4Page - Power Integrations, Inc. INT100 Datasheet HTML 5Page - Power Integrations, Inc. INT100 Datasheet HTML 6Page - Power Integrations, Inc. INT100 Datasheet HTML 7Page - Power Integrations, Inc. INT100 Datasheet HTML 8Page - Power Integrations, Inc. INT100 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 1996
INT100
Half-Bridge Driver IC
Low-Side and High-side Drive
with Simultaneous Conduction Lockout
Product Highlights
5 V CMOS Compatible Control Inputs
• Combines logic inputs for low and high-side drives
• Schmidt-triggered inputs for noise immunity
Built-in High-voltage Level Shifters
• Can withstand up to 800 V for direct interface to the HV-
referenced high-side switch
• Pulsed internal high-voltage level shifters reduce power
consumption
Gate Drive Outputs for External MOSFETs
• Provides 300 mA sink/150 mA source current
• Can drive MOSFET gates at up to 15 V
• External MOSFET allows flexibility in design for various
motor sizes
Built-in Protection Features
• Simultaneous conduction lockout protection
• Undervoltage lockout
Description
The INT100 half-bridge driver IC provides gate drive for
external low-side and high-side MOSFET switches. The INT100
provides a simple, cost-effective interface between low-voltage
control logic and high-voltage loads. The INT100 is designed
to be used with rectified 110 V or 220 V supplies. Both high-
side and low-side switches can be controlled independently
from ground-referenced 5 V logic inputs.
Built-in protection logic prevents both switches from turning
on at the same time and shorting the high voltage supply. Pulsed
internal level shifting saves power and provides enhanced noise
immunity. The circuit is powered from a nominal 15 V supply
to provide adequate gate drive for external N-channel MOSFETs.
A floating high-side supply is derived from the low-voltage rail
by using a simple bootstrap technique.
Applications for the INT100 include motor drives, electronic
ballasts, and uninterruptible power supplies. Multiple devices
can also be used to implement full-bridge and multi-phase
configurations.
The INT100 is available in a 16-pin plastic SOIC package.
®
Figure 1. Typical Application
ORDERING INFORMATION
N/C
PI-1067-101493
VDDH
HS RTN
HS RTN
HS OUT
N/C
N/C
VDD
HS IN
LS IN
COM
LS RTN
LS OUT
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
HS RTN
COM
N/C
Figure 2. Pin Configuration.
HV
HS IN
LS IN
COM
LS
RTN
HS RTN
HS OUT
LS OUT
INT100
PI-1807-031296
VDD
V
DDH
PART
NUMBER
INT100S
ISOLATION
VOLTAGE
800 V
S16A
PACKAGE
OUTLINE


Similar Part No. - INT100

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
INT LINKCOM-INT Datasheet
848Kb / 6P
50W Programmable Tunable White LED Driver
logo
Vishay Siliconix
INT VISHAY-INT Datasheet
140Kb / 6P
Custom Substrates - Metal Via / Multilayer / Lumped Element
14-Sep-2018
logo
TE Connectivity Ltd
INT-1221-S-01 TEC-INT-1221-S-01 Datasheet
788Kb / 4P
INTEGRA 1221 DIGITAL METERING SYSTEM
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
Banner Engineering Corp...
INT-BBB-X232Q5 BANNER-INT-BBB-X232Q5 Datasheet
517Kb / 2P
RS-232 Converter: Model INT-BBB-X232Q5
218631 Rev. A
More results

Similar Description - INT100

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT200 POWERINT-INT200 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT202 POWERINT-INT202 Datasheet
88Kb / 12P
Low-side Drive and High-side Control for Simultaneous Conduction
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
High-Current, High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
High-Current, High- and Low-Side, Gate-Drive IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
ON Semiconductor
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com