Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8AS Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 3Page - Omron Electronics LLC S8AS Datasheet HTML 4Page - Omron Electronics LLC S8AS Datasheet HTML 5Page - Omron Electronics LLC S8AS Datasheet HTML 6Page - Omron Electronics LLC S8AS Datasheet HTML 7Page - Omron Electronics LLC S8AS Datasheet HTML 8Page - Omron Electronics LLC S8AS Datasheet HTML 9Page - Omron Electronics LLC S8AS Datasheet HTML 10Page - Omron Electronics LLC S8AS Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
S8AS
Constructions and Nomenclature
Nomenclature
S8AS-24006
@
S8AS-48008
@
Note: The noise value depends on the wiring method and other factors. Insert
a clamp filter (recommended: E04SR301334 manufactured by SEIWA)
on the communications wiring as a countermeasure against noise.
*1. The fuse is located on the (L) side.
*2. This is the protective earth terminal specified in the safety
standards. Always ground this terminal.
*3. In Test Mode, the tripping alarm output (TRP) will operate even if
one or more of the branch outputs is set to OFF. This error output,
however, will not be held when operation moves to another
operating mode.
*4. Wire the polarity of the external tripping input correctly. After
completing wiring, confirm that the input operates correctly.
*5. The branch output indicators are OFF when current is not used.
*6. 6.Information on procedures for detailed displays is given in
Status Indicators on page 16.
Yrs
A
5
4
3
2
16
V
s
°C
S8AS-24006
POWER SUPPLY
+V
-V
-V
RS485
A(-)
B(+)
50/60Hz AC100-240V 3.8A
INPUT
N
L
5
4
3
2
16
Class2
OUTPUT
DC 24V 3.8A
- 5
- 4
- 3
- 2
- 1
- 6
+ 5
+ 4
+ 3
+ 2
+ 1
+ 6
V.ADJ
DC ON
COM
TMP
TRG
LFE
LOW
TRP
+-
2
13
9
3
12
1
6
57
4
8
10
11
2
13
3
12
1
57
64
8
10
11
9
Yrs
A
5
4
3
2
1
6 7 8
V
s
°C
S8AS-48008
POWER SUPPLY
7
6
5
4
3
2
1
8
50/60Hz AC100-240V 7.4A
INPUT
N
L
COM
TMP
TRG
LFE
LOW
TRP
+
-
V.ADJ
DC ON
+ 5
+ 4
+ 3
+ 2
+ 1
+ 6
+ 7
+ 8
- 5
- 4
- 3
- 2
- 1
- 6
- 7
- 8
+V
-V
-V
Class2
OUTPUT
DC 24V 3.8A
RS485
A(-)
B(+)
COM
TMP
TRG
LFE
LOW
TRP
+-
(A) (B) (C) (D) (E) (F) (G)
5. I/O Signal Terminal Internal
Circuit Configuration
Photoswitch
No.
Name
Functions
1
AC Input Terminals (L and N)
Connects the input power supply
(100 to 240 VAC, 50/60 Hz)
(commercial power supply).
*1
2
Protective Earth (PE) Terminal (
) Connects to the ground wire.
*2
3
Positive Branch Output Terminals (+)
Screwless terminals with 2-pole
terminals for each branch output.
4
Negative Branch Output Terminals (
−)
Screwless terminals with 2-pole
terminals for each branch output
and screw terminal shared by the
negative branch output terminals.
5
I/O
Signal
Terminals
(A)
Tripping Alarm
Output (TRP)
*3
Turns ON to indicate when an
abnormal voltage or current was
detected and the output was cut
off. (The photoswitch output will
turn OFF.)
(B)
Undervoltage
Detection Output
(LOW)
Turns ON to indicate when the 24-
VDC output voltage of the S8AS falls
below the threshold due to decrease
in input voltage or other factors. (The
photoswitch output will turn OFF.)
(C)
Maintenance
Forecast Monitor
Output (LFE)
Turns OFF to indicate when the
number of years to the set
replacement time has been
reached. (The photoswitch output
will turn OFF.)
(D)
Over-temperature
Output (TMP)
Turns ON to indicate that the
temperature exceeded the over-
temperature output threshold. (The
photoswitch output will turn OFF.)
(E)
Negative Common
Terminal (COM)
(no polarity)
Negative common shared by the
four alarm outputs ((A) to (D)) above.
(F)
Positive External
Tripping Input (TRG+) Can be used to send an input
signal from an external device to
cut off a branch output.
*4
(G)
Negative External
Tripping Input (TRG
−)
6
Output Indicator (DC ON (Green))
Indicates whether there is output
voltage supplied.
7
Output Voltage Adjuster (V.ADJ)
Adjusts the output voltage.
8
Seven-segment Display (Red)
Displays measured values or set values.
9
Branch Output Indicators (Orange)
Light or flash when there is a
display related to branch output
(outputs 1 to 6 and 8).
*5
10
Unit Indicators (Orange)
Light or flash when there is a unit (e.g.,
V, A, Yrs,
°C, s) related to the value
shown on the 7-segment display.
11
Status indicators (Red/Green)
Indicate the status of the branch outputs:
Cutoff: red, Connected: green.
*6
12
Operation
Keys
Reset (RST) Key
Used to clear the error status when
a branch output was cut off by an
error or there was an alarm output.
Enter (ENT) Key
Used to switch the display item,
enter or execute settings, etc.
Up (SEL) Key
Used to change the display item
forward or to increase a set value.
Down (CH) Key
Used to switch the branch output
or to decrease a set value.The
branch output number that is set
remains the same in other modes.
13
Communications Terminals (A (
−),
B (+))
(Only for Models That Support
Communications)
Used to connect to the RS-485
communications line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com