Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8AS Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 4 Page - Omron Electronics LLC

  S8AS Datasheet HTML 1Page - Omron Electronics LLC S8AS Datasheet HTML 2Page - Omron Electronics LLC S8AS Datasheet HTML 3Page - Omron Electronics LLC S8AS Datasheet HTML 4Page - Omron Electronics LLC S8AS Datasheet HTML 5Page - Omron Electronics LLC S8AS Datasheet HTML 6Page - Omron Electronics LLC S8AS Datasheet HTML 7Page - Omron Electronics LLC S8AS Datasheet HTML 8Page - Omron Electronics LLC S8AS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
S8AS
4
S8AS-48008
@
Note: Refer to the next page for information on
*1 to *5.
Item
Model
S8AS-48008
S8AS-48008N
S8AS-48008R
Efficiency (Typ.)
80% min.
Input
condi-
tions
Voltage range
*1
100 to 240 VAC (85 to 264 VAC)
Frequency
*1
50/60 Hz (47 to 63 Hz)
Current
100-V input
7.4 A max.
200-V input
3.9 A max.
Power factor
0.95 min.
Harmonic current
EN61000-3-2
Leakage
current
100-V input
0.5 mA max.
200-V input
1.0 mA max.
Inrush current
*2
100-V input
25 A max. (for a cold start at 25
°C)
200-V input
50 A max. (for a cold start at 25
°C)
Output
condi-
tions
Number of branches
8
Maximum cutoff output current (per branch)
3.8 A
Total output current
20 A
Allowable voltage range
*3
±10% (with V.ADJ)
Ripple noise voltage
2.0%[P-P] max. (for rated input and output voltage)
*4
Output leakage current
10 mA max.
Input fluctuation
0.5% max. (Input: 85 to 264 VAC, 100% load)
*5
Load fluctuation (rated input voltage)
4.0% max. (rated input, 0% to 100% load)
*5
Temperature fluctuation
0.05%/
°C max.
Startup time
*2
3,000 ms max. (for rated input and output voltage)
*4
Output hold time
*2
20 ms min. (for rated input and output voltage)
*4
Func-
tions
Tripping
functions
Abnormal voltage tripping
28.8 V (Cannot be changed.)
Abnormal current tripping
*2
Setting range: 0.5 to 3.8 A
(in 0.1-A increments)
3.8 A (Cannot be changed.)
Setting range: 0.5 to 3.8 A
(in 0.1-A increments)
Abnormal total current tripping
Branch outputs are cut off when the total output current is more than 27 A for 1 s, 25 A for 2 s, or 22.5 A for 5 s.
Tripping alarm output
Photoswitch output
30 VDC max. and 50 mA max., Leakage current: 0.1 mA max., Residual voltage: 2 V max.
Undervoltage
detection
functions
Undervoltage detection
Setting range: 18.0 to 26.4 V
(in 0.1-V increments)
20.0 V (Cannot be changed.)
Setting range: 18.0 to 26.4 V
(in 0.1-V increments)
Undervoltage detection output
Photoswitch output
30 VDC max. and 50 mA max., Leakage current: 0.1 mA max., Residual voltage: 2 V max.
Maintenance
forecast
monitor
function
Maintenance forecast monitor
Setting range: 0.0 to 5.0 yr
(in 0.5-yr increments)
0.5 yr (Cannot be changed.)
Setting range: 0.0 to 5.0 yr
(in 0.5-yr increments)
Maintenance forecast monitor output
Photoswitch output
30 VDC max. and 50 mA max., Leakage current: 0.1 mA max., Residual voltage: 2 V max.
Over-
temperature
detection
function
Over-temperature
Setting range: 25 to 90
°C
(in 1
°C increments)
90
°C (Cannot be changed.)
Setting range: 25 to 90
°C
(in 1
°C increments)
Over-temperature output
Photoswitch output
30 VDC max. and 50 mA max., Leakage current: 0.1 mA max., Residual voltage: 2 V max.
Display
functions
Output voltage display
Display range:17.0 to 30.0 V
Display accuracy: 2% rdg
±1 digit max.
Output current display
Branch output display range: 0.0 to 4.0 A
Peak output current display range: 0.0 to 20.0 A
Total current display range: 0.0 to 40.0 A
Display accuracy: 5% FS (4 A)
±1 digit max.
Maintenance forecast monitor display
Display range: FUL (Full)/HLF (Half)/0.0 to 5.0 yr
Temperature display
Display range:
−20 to 100°C
Display accuracy: 2
°C ±1 digit max.
External Tripping Input
The input can be enabled or disabled
for each branch output.
19.2 to 30 VDC, minimum signal width:
10 ms, tripping after input within 20 ms
+ the shutdown sequence set time
All branch outputs: Enabled
(Cannot be changed.)
19.2 to 30 VDC, minimum signal width:
10 ms, tripping after input within 20 ms
+ the shutdown sequence set time
The input can be enabled or disabled
for each branch output.
19.2 to 30 VDC, minimum signal width:
10 ms, tripping after input within 20 ms
+ the shutdown sequence set time
Startup sequence
Setting range: 0.0 to 99.9 s in 0.1-s
increments
Branch output 1: 0.0 s
(Cannot be changed.)
Branch output 2: 0.4 s
(Cannot be changed.)
Branch output 3: 0.8 s
(Cannot be changed.)
Branch output 4: 1.2 s
(Cannot be changed.)
Branch output 5: 1.6 s
(Cannot be changed.)
Branch output 6: 2.0 s
(Cannot be changed.)
Branch output 7: 2.4 s
(Cannot be changed.)
Branch output 8: 2.8 s
(Cannot be changed.)
Setting range: 0.0 to 99.9 s in 0.1-s
increments
Shutdown sequence
Setting range: 0.0 to 99.9 s in 0.1-s
increments
All branch outputs: 0.0 s
(Cannot be changed.)
Setting range: 0.0 to 99.9 s in 0.1-s
increments
Communications
Not supported
Supported (RS-485)
Sampling period
1 ms
Parallel connection
Not supported
Series connection
Not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com