Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8AS Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 18Page - Omron Electronics LLC S8AS Datasheet HTML 19Page - Omron Electronics LLC S8AS Datasheet HTML 20Page - Omron Electronics LLC S8AS Datasheet HTML 21Page - Omron Electronics LLC S8AS Datasheet HTML 22Page - Omron Electronics LLC S8AS Datasheet HTML 23Page - Omron Electronics LLC S8AS Datasheet HTML 24Page - Omron Electronics LLC S8AS Datasheet HTML 25Page - Omron Electronics LLC S8AS Datasheet HTML 26Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
S8AS
23
Safety Precautions
Refer to Safety Precautions for All Power Supplies.
!CAUTION
Precautions for Safe Use
Mounting
• The long-term reliability of the S8AS can be increased by installing
it properly and providing sufficient heat dissipation. Use the S8AS
within the derating curve. The S8AS is designed to radiate heat by
means of natural air circulation. Provide appropriate space as
shown below to allow air flow around the Power Supplies.
• Poor heat dissipation resulting from improper installation
conditions may occasionally deteriorate or damage internal parts
and also cause the maintenance forecast monitor function to not
operate properly. Do not use any mounting orientation other than
a standard one.
• Poor heat dissipation may deteriorate or damage internal parts. Do
not loosen the screws on the side of the Product.
• Do not allow any pieces of metal or conductors, or any clippings or
cuttings resulting from installation work to enter the Product.
Attachment to the DIN Rail
To mount the block on a DIN Rail, until
it makes a clicking sound, pull down
the Rail stopper hook portion (A) of the
Block onto the Rail, and press the
Block in direction (B) to lock it in place.
To dismount the Block, pull down
portion (C) with a flat-blade
screwdriver and pull out the Block.
Wiring
• Connect the ground completely. The ground is a protective earth
(PE) terminal specified in safety standards. If the ground is not
connected completely, electric shock or malfunction may occur.
• Minor fire may possibly occur. Ensure that input and output
terminals are wired correctly.
• Heat generated by wiring materials may cause the temperature of
internal parts to increase, which may result in deterioration of or
damage to the internal parts. Select the wiring materials according
to the current that is being used. Using the wiring materials, torque,
and wire stripping lengths in the following table is recommended to
prevent smoke or fire of the wire material due to an abnormal load.
Recommended Wire Diameter
Minor electric shock, fire, or Product failure may
occasionally occur. Do not disassemble, modify, or repair
the Product or touch interior of the Product.
Minor burns may occasionally occur. Do not touch the
Product during power is being supplied or immediately
after power is turned OFF.
Minor injury may occasionally occur due to electrical
shock. Do not touch the terminals while power is being
supplied. Also, be sure to close the terminal cover after
wiring the terminals.
Fire may occasionally occur. Tighten terminal screws to
the specified torque.
20 mm min.
75 mm
min.
75 mm
min.
Air flow
Yrs
A
5
4
3
2
16
Vs
°C
S8AS-24006
POWER SUPPLY
+V
-V
-V
5
4
3
2
16
Class2
OUTPUT
DC 24V 3.8A
50/60Hz AC100-240V 3.8A
INPUT
N
L
COM
TMP
TRG
LFE
LOW
TRP
+-
+ 5
+ 4
+ 3
+ 2
+ 1
+ 6
- 5
- 4
- 3
- 2
- 1
- 6
V.ADJ
DC ON
Yrs
A
5
4
3
2
16
Vs
°C
S8AS-24006
POWER SUPPLY
+V
-V
-V
5
4
3
2
16
Class2
OUTPUT
DC 24V 3.8A
50/60Hz AC100-240V 3.8A
INPUT
N
L
COM
TMP
TRG
LFE
LOW
TRP
+-
+ 5
+ 4
+ 3
+ 2
+ 1
+ 6
- 5
- 4
- 3
- 2
- 1
- 6
V.ADJ
DC ON
Terminals
Name
Recommended
wire diameter
Wire
type
Torque
Wire
stripping
length
Screw
terminals
AC input
terminals and
protective
earth (PE)
terminal
AWG14 to 16
(cross-sectional
area of 0.823 to
2.081 mm2)
Solid or
stranded
9.6 in.lb.
(1.08 N·m)
8 to
10 mm
Branch output
terminals (
−),
UL Standard
AWG12 to 14
(cross-sectional
area of 2.081 to
3.309 mm2)
Solid or
stranded
12 in.lb.
(1.36 N·m)
8 to
10 mm
Branch output
terminals (
−),
CSA Standard
AWG12 to 20
(cross-sectional
area of 0.517 to
3.309 mm2)
Solid or
stranded
8.8 in.lb.
(1.0 N·m)
8 to
10 mm
Screwless
terminals
Branch output
positive
terminals, branch
output negative
terminals, I/O
signal terminals,
and
communications
terminals
AWG12 to 24
(cross-sectional
area of 0.2 to
2.5 mm2)
Solid or
stranded
---
10 mm
B
A
30 mm min.
Rail stopper
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com