Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8AS Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 10Page - Omron Electronics LLC S8AS Datasheet HTML 11Page - Omron Electronics LLC S8AS Datasheet HTML 12Page - Omron Electronics LLC S8AS Datasheet HTML 13Page - Omron Electronics LLC S8AS Datasheet HTML 14Page - Omron Electronics LLC S8AS Datasheet HTML 15Page - Omron Electronics LLC S8AS Datasheet HTML 16Page - Omron Electronics LLC S8AS Datasheet HTML 17Page - Omron Electronics LLC S8AS Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
S8AS
14
Key Operations and Displays in Each Mode
Output voltage
display
• First startup after purchase.
• When power was turned
OFF in any mode except
Test Mode.
Run Mode
Mode Selection Menu
Select Run Mode
Select Setting Mode
Select Test Mode
Select Protection level
Initialize Parameters
Level Selection
Yes, initialize.
Output Current
Display
Total Current
Display
*1
*1
Peak Output
Current Display
Clearing selected
peak output current.
or no key operation for
more than 3 s.
*1. Branch outputs can be changed using the Down (
) Key. The changes to the branch outputs will be retained in other displays as well.
*2. Settings are displayed in order for branch outputs. Specific branch output settings have been omitted.
*3. Not displayed for the S8AS-24006N/48008N.
Press for 3 s.
Press for 3 s.
Press for 3 s.
Press for 3 s.
Press for 3 s.
Maintenance Forecast
Monitor Output Display
Temperature
Display
Current tripping
threshold
Current tripping
type
Undervoltage
detection threshold
Setting Mode
Power ON
*2
Selection of Standard,
Instantaneous, or
Extended Detection
Value Setting
No key operation for more than 3 s.
No key operation for more than 3 s.
No key operation for more than 3 s.
Value Setting
Over-temperature
output threshold
Value Setting
No key operation for more than 3 s.
Startup Sequence
Time Setting
*2
Time Setting
No key operation for more than 3 s.
Shutdown Sequence
Time Setting
*2
Time Setting
No key operation for more than 3 s.
External Tripping
Input Setting
*2
Enable/Disable
Setting
No key operation for more than 3 s.
External Tripping
Trigger Type
Selection of Tripping
Trigger Type: EGE/LVL
No key operation for more than 3 s.
Communications Settings
(Models with
communications only)
Settings
No key operation for more than 3 s.
Select reset
method
Selection of
Method
No key operation for more than 3 s.
Connected
Individual branch outputs
*1, *2
Cut off
Cut off all branch outputs
(Shutdown Sequence)
Execute
Connect all branch outputs
(Startup Sequence)
Execute
Test Mode
When power was turned
OFF in Test Mode
*3
*3
*3
*3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com