Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8AS Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 17Page - Omron Electronics LLC S8AS Datasheet HTML 18Page - Omron Electronics LLC S8AS Datasheet HTML 19Page - Omron Electronics LLC S8AS Datasheet HTML 20Page - Omron Electronics LLC S8AS Datasheet HTML 21Page - Omron Electronics LLC S8AS Datasheet HTML 22Page - Omron Electronics LLC S8AS Datasheet HTML 23Page - Omron Electronics LLC S8AS Datasheet HTML 24Page - Omron Electronics LLC S8AS Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
S8AS
Dimensions
(Unit: mm)
S8AS Smart Power Supplies
Yrs
A
5
4
3
2
16
V
s
°C
S8AS-24006
POWER SUPPLY
+V
-V
-V
5
4
3
2
16
Class2
OUTPUT
DC 24V 3.8A
50/60Hz AC100-240V 3.8A
INPUT
N
L
COM
TMP
TRG
LFE
LOW
TRP
+-
+ 5
+ 4
+ 3
+ 2
+ 1
+ 6
- 5
- 4
- 3
- 2
- 1
- 6
V.ADJ
DC ON
115
4.5
124.7
122
34.9
131.8
M4 square washers
(sliding: 15 max.)
5.08
160
Three, M3.5 square washers
10
S8AS-24006
S8AS-24006N
Yrs
A
5
4
3
2
16
V
s
°C
S8AS-24006
POWER SUPPLY
+V
-V
-V
RS485
A(-)
B(+)
50/60Hz AC100-240V 3.8A
INPUT
N
L
5
4
3
2
16
Class2
OUTPUT
DC 24V 3.8A
- 5
- 4
- 3
- 2
- 1
- 6
+ 5
+ 4
+ 3
+ 2
+ 1
+ 6
V.ADJ
DC ON
COM
TMP
TRG
LFE
LOW
TRP
+-
142.4
115
4.5
124.7
122
34.9
131.8
M4 square washers
(sliding: 15 max.)
5.08
10
160
Three, M3.5 square washers
S8AS-24006R
124.7
122
34.9
131.8
Yrs
A
5
4
3
2
1
6 7 8
V
s
°C
S8AS-48008
POWER SUPPLY
7
6
5
4
3
2
1
8
50/60Hz AC100-240V 7.4A
INPUT
N
L
COM
TMP
TRG
LFE
LOW
TRP
+
-
+ 5
+ 4
+ 3
+ 2
+ 1
+ 6
+ 7
+ 8
- 5
- 4
- 3
- 2
- 1
- 6
- 7
- 8
V.ADJ
DC ON
+V
-V
-V
Class2
OUTPUT
DC 24V 3.8A
10
115
4.5
M4 square washers
(sliding: 15 max.)
5.08
230
Three, M3.5 square washers
S8AS-48008
S8AS-48008N
124.7
122
34.9
131.9
142.4
Yrs
A
5
4
3
2
1
6 7 8
V
s
°C
S8AS-48008
POWER SUPPLY
7
6
5
4
3
2
1
8
50/60Hz AC100-240V 7.4A
INPUT
N
L
COM
TMP
TRG
LFE
LOW
TRP
+
-
V.ADJ
DC ON
+ 5
+ 4
+ 3
+ 2
+ 1
+ 6
+ 7
+ 8
- 5
- 4
- 3
- 2
- 1
- 6
- 7
- 8
+V
-V
-V
Class2
OUTPUT
DC 24V 3.8A
RS485
A(-)
B(+)
10
115
4.5
M4 square washers
(sliding: 15 max.)
5.08
230
Three, M3.5 square washers
S8AS-48008R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com