Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8AS Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 9Page - Omron Electronics LLC S8AS Datasheet HTML 10Page - Omron Electronics LLC S8AS Datasheet HTML 11Page - Omron Electronics LLC S8AS Datasheet HTML 12Page - Omron Electronics LLC S8AS Datasheet HTML 13Page - Omron Electronics LLC S8AS Datasheet HTML 14Page - Omron Electronics LLC S8AS Datasheet HTML 15Page - Omron Electronics LLC S8AS Datasheet HTML 16Page - Omron Electronics LLC S8AS Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
S8AS
13
Chart 5: Operation Timing
Note: For the S8AS-24006N and S8AS-48008N, the settings are
0.0 s for branch output 1, 0.4 s for branch output 2, 0.8 s for
branch output 3, 1.2 s for branch output 4, 1.6 s for branch
output 5, 2.0 for branch output 6, 2.4 s for branch output 7, and
2.8 s for branch output 8. (Cannot be changed.)
(Branch outputs 7 and 8 are available only with the S8AS-
48008N.)
Chart 6: Operation Timing
Note: 1. Cut off simultaneously for tripping for abnormal voltages
(28.8 V or higher).
2. For the S8AS-24006N and S8AS-48008N, all branch
outputs have a setting of 0.0 s. (Cannot be changed.)
Power supply voltage
Startup sequence time
Startup sequence time
Startup sequence time
Self-diagnostics
(0.5 s min.)
Branch output 1 voltage
Branch output 2 voltage
Branch output 3 voltage
Startup sequence time
Branch output 6 or
branch output 8 voltage
Shutdown sequence time
Shutdown sequence time
Shutdown sequence time
20 ms max.
External tripping input
Shutdown sequence time
Branch output 6 or
branch output 8 voltage
Branch output 1 voltage
Branch output 2 voltage
Branch output 3 voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com