Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8AS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 1 Page - Omron Electronics LLC

  S8AS Datasheet HTML 1Page - Omron Electronics LLC S8AS Datasheet HTML 2Page - Omron Electronics LLC S8AS Datasheet HTML 3Page - Omron Electronics LLC S8AS Datasheet HTML 4Page - Omron Electronics LLC S8AS Datasheet HTML 5Page - Omron Electronics LLC S8AS Datasheet HTML 6Page - Omron Electronics LLC S8AS Datasheet HTML 7Page - Omron Electronics LLC S8AS Datasheet HTML 8Page - Omron Electronics LLC S8AS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
CSM_S8AS_DS_E_4_1
1
Smart Power Supply
S8AS
A New Type of Power Supply That
Provides Safety and Maintainability
• 240- and 480-W power supplies with and digital circuit
protectors in a single package.
• Each branch output tripping current value can be easily
set at 0.1-A increments.
• Startup and shutdown sequence control included.
• Various monitor displays and alarms (output voltage,
output current, maintenance forecast monitor,
temperature).
• Conforms to UL Class 2
• Mounts to DIN Rail.
Model Number Structure
Model Number Legend
1. Capacity
240: 240 W
480: 480 W
2. Number of Output Branches
06: 6 branch outputs
08: 8 branch outputs
3. Additional Functions
Blank: Changeable parameter settings with no communications
N:
Unchangeable parameter settings with no communications
R:
Changeable parameter settings with communications (RS-485)
Ordering Information
S8AS
Refer to Safety Precautions for All Power Supplies and Safety
Precautions on page 23.
12
3
S8AS-
@@@@@@
Capacity
Input voltage
Output
voltage
Maximum cutoff
output current
(per branch)
Total
output
current
Number
of output
branches
Communications
functions
Parameter
settings
Model
240 W
100 to
240 VAC
24 V
3.8 A
10 A
6 branch
outputs
None
Changeable
S8AS-24006
None
Not changeable S8AS-24006N
RS-485
Changeable
S8AS-24006R
480 W
20 A
8 branch
outputs
None
Changeable
S8AS-48008
None
Not changeable S8AS-48008N
RS-485
Changeable
S8AS-48008R
Be sure to read and fully understand the content of the S8AS User's Manual (Cat. No. Z269) before changing settings on the S8AS.


Similar Part No. - S8AS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8A MCC-S8A Datasheet
78Kb / 2P
8 Amp Silicon Rectifier 50 to 1000 Volts
S8A MCC-S8A Datasheet
180Kb / 4P
8 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S8A FORMOSA-S8A Datasheet
119Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
S8A SUNMATE-S8A Datasheet
307Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
S8A YFWDIODE-S8A Datasheet
468Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S8AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KFD2-STC4-1.2O ETC2-KFD2-STC4-1.2O Datasheet
203Kb / 3P
SMART Transmitter Power Supply
logo
Pepperl+Fuchs Inc.
KFD2-STC4-EX2 PF-KFD2-STC4-EX2 Datasheet
316Kb / 3P
SMART Transmitter Power Supply
HIC2027 PF-HIC2027 Datasheet
880Kb / 6P
SMART Transmitter Power Supply
HID2022SK PF-HID2022SK Datasheet
751Kb / 4P
SMART Transmitter Power Supply
KCD2-STC-EX1.SP PF-KCD2-STC-EX1.SP Datasheet
926Kb / 5P
SMART Transmitter Power Supply
KCD2-STC-EX1.ES PF-KCD2-STC-EX1.ES Datasheet
924Kb / 6P
SMART Transmitter Power Supply
KCD2-STC-1 PF-KCD2-STC-1 Datasheet
1Mb / 4P
SMART Transmitter Power Supply
KCD2-STC-EX1.2O.ES PF-KCD2-STC-EX1.2O.ES Datasheet
1Mb / 5P
SMART Transmitter Power Supply
S1SD-1AI-1C.H PF-S1SD-1AI-1C.H Datasheet
847Kb / 4P
SMART Transmitter Power Supply
KFD2-STC5-1 PF-KFD2-STC5-1 Datasheet
942Kb / 5P
SMART Transmitter Power Supply
2021-11-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com