Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB82 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 83Page - ATMEL Corporation AT90USB82 Datasheet HTML 84Page - ATMEL Corporation AT90USB82 Datasheet HTML 85Page - ATMEL Corporation AT90USB82 Datasheet HTML 86Page - ATMEL Corporation AT90USB82 Datasheet HTML 87Page - ATMEL Corporation AT90USB82 Datasheet HTML 88Page - ATMEL Corporation AT90USB82 Datasheet HTML 89Page - ATMEL Corporation AT90USB82 Datasheet HTML 90Page - ATMEL Corporation AT90USB82 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 306 page
background image
87
7707E–AVR–11/08
AT90USB82/162
When a logic change on any PCINT12..8/7..0 pin triggers an interrupt request, PCIF1/0
becomes set (one). If the I-bit in SREG and the PCIE1/0 bit in PCICR are set (one), the MCU will
jump to the corresponding Interrupt Vector. The flag is cleared when the interrupt routine is exe-
cuted. Alternatively, the flag can be cleared by writing a logical one to it.
12.0.7
Pin Change Mask Register 0 – PCMSK0
• Bit 7..0 – PCINT7..0: Pin Change Enable Mask 7..0
Each PCINT7..0 bit selects whether pin change interrupt is enabled on the corresponding I/O
pin. If PCINT7..0 is set and the PCIE0 bit in PCICR is set, pin change interrupt is enabled on the
corresponding I/O pin. If PCINT7..0 is cleared, pin change interrupt on the corresponding I/O pin
is disabled.
12.0.8
Pin Change Mask Register 1– PCMSK1
• Bit 4..0 – PCINT12..8: Pin Change Enable Mask 12..8
Each PCINT12..8 bit selects whether pin change interrupt is enabled on the corresponding I/O
pin. If PCINT12..8 is set and the PCIE1 bit in PCICR is set, pin change interrupt is enabled on
the corresponding I/O pin. If PCINT12..8 is cleared, pin change interrupt on the corresponding
I/O pin is disabled.
Bit
7654
3210
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
PCMSK0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7654
3210
-
-
-
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
PCMSK1
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com