Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB82 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 33Page - ATMEL Corporation AT90USB82 Datasheet HTML 34Page - ATMEL Corporation AT90USB82 Datasheet HTML 35Page - ATMEL Corporation AT90USB82 Datasheet HTML 36Page - ATMEL Corporation AT90USB82 Datasheet HTML 37Page - ATMEL Corporation AT90USB82 Datasheet HTML 38Page - ATMEL Corporation AT90USB82 Datasheet HTML 39Page - ATMEL Corporation AT90USB82 Datasheet HTML 40Page - ATMEL Corporation AT90USB82 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 306 page
background image
37
7707E–AVR–11/08
AT90USB82/162
Figure 6-6.
PLL Clocking System
6.9.2
PLL Control and Status Register – PLLCSR
• Bit 7..5 – Res: Reserved Bits
These bits are reserved bits in the AT90USB82/162 and always read as zero.
• Bit 4..2 – PLLP2:0 PLL prescaler
These bits allow to configure the PLL input prescaler to generate the 8MHz input clock for the
PLL.
• Bit 1 – PLLE: PLL Enable
When the PLLE is set, the PLL is started and if needed internal RC Oscillator is started as a PLL
reference clock. If PLL is selected as a system clock source the value for this bit is always 1.
XTAL2
XTAL1
XTAL
PLL
6x
PLLE
Lock
Detector
PLOCK
clkUSB (48MHz)
PLL clock
Prescaler
System Clock
clk
8MHz
Ext.
Int RC
8MHz.
Clock Switch
Clock Mux (fuse)
Bit
7
65
4321
0
$29 ($29)
PLLP2
PLLP1
PLLP0
PLLE
PLOCK
PLLCSR
Read/Write
R
R
R
R
R
R
R/W
R
Initial Value
0
0
0
0
0
0
0/1
0
Table 6-10.
PLL input prescaler configurations
PLLP2
PLLP1
PLLP0
Clock Division Factor
00
0
1
00
1
2
0
1
0
Reserved
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com