Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB82 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 49Page - ATMEL Corporation AT90USB82 Datasheet HTML 50Page - ATMEL Corporation AT90USB82 Datasheet HTML 51Page - ATMEL Corporation AT90USB82 Datasheet HTML 52Page - ATMEL Corporation AT90USB82 Datasheet HTML 53Page - ATMEL Corporation AT90USB82 Datasheet HTML 54Page - ATMEL Corporation AT90USB82 Datasheet HTML 55Page - ATMEL Corporation AT90USB82 Datasheet HTML 56Page - ATMEL Corporation AT90USB82 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 306 page
background image
53
7707E–AVR–11/08
AT90USB82/162
• Selectable Time-out period from 16ms to 8s
• Possible Hardware fuse Watchdog always on (WDTON) for fail-safe mode
• Early warning after one Time-Out period reached, programmable Reset (see operating modes)
after 2 Time-Out periods reached.
Figure 9-8.
Watchdog Timer
The Watchdog Timer (WDT) is a timer counting cycles of a separate on-chip 128 kHz oscillator.
The WDT gives a early warning interrupt when the counter reaches a given time-out value. The
WDT gives an interrupt or a system reset when the counter reaches two times the given time-out
value. In normal operation mode, it is required that the system uses the WDR - Watchdog Timer
Reset - instruction to restart the counter before the time-out value is reached. If the system
doesn't restart the counter, an interrupt or system reset will be issued.
In Interrupt mode, the WDT gives an interrupt when the timer expires two times. This interrupt
can be used to wake the device from sleep-modes, and also as a general system timer. One
example is to limit the maximum time allowed for certain operations, giving an interrupt when the
operation has run longer than expected.
In System Reset mode, the WDT gives a reset when the timer expires two times. This is typically
used to prevent system hang-up in case of runaway code.
The third mode, Interrupt and System Reset mode, combines the other two modes by first giving
an interrupt and then switch to System Reset mode. This mode will for instance allow a safe
shutdown by saving critical parameters before a system reset.
In addition to these modes, the early warning interrupt can be enabled in order to generate an
interrupt when the WDT counter expires the first time.
The Watchdog always on (WDTON) fuse, if programmed, will force the Watchdog Timer to Sys-
tem Reset mode. With the fuse programmed the System Reset mode bit (WDE) and Interrupt
mode bit (WDIE) are locked to 1 and 0 respectively. To further ensure program security, altera-
tions to the Watchdog set-up must follow timed sequences. The sequence for clearing WDE or
changing time-out configuration is as follows:
128kHz
OSCILLATOR
WDP0
WDP1
WDP2
WDP3
WATCHDOG
RESET
WDE
WDIF
WDIE
WDEWIE
MCU RESET
INTERRUPT
EARLY WARNING
INTERRUPT
CLOCK
DIVIDER
OSC/1
OSC/3
OSC/5
OSC/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com