Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB82 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 24Page - ATMEL Corporation AT90USB82 Datasheet HTML 25Page - ATMEL Corporation AT90USB82 Datasheet HTML 26Page - ATMEL Corporation AT90USB82 Datasheet HTML 27Page - ATMEL Corporation AT90USB82 Datasheet HTML 28Page - ATMEL Corporation AT90USB82 Datasheet HTML 29Page - ATMEL Corporation AT90USB82 Datasheet HTML 30Page - ATMEL Corporation AT90USB82 Datasheet HTML 31Page - ATMEL Corporation AT90USB82 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 306 page
background image
28
7707E–AVR–11/08
AT90USB82/162
• Bit 7-6 – RCSUT[1:0]: SUT for RC oscillator
These 2 bits are the SUT value for the RC Oscillator. If the RC oscillator is selected by fuse bits,
the SUT fuse are copied into these bits. A firmware change will not have any effect because this
additionnal start-up time is only used after a reset and not after a clock switch.
• Bit 5-4 – EXSUT[1:0]: SUT for External Oscillator / Low Power Oscillator
These 2 bits are the SUT value for the External Oscillator / Low Power Oscillator. If the External
oscillator / Low Power Oscillator is selected by fuse bits, the SUT fuse are copyed into these
bits. The firmware can modify these bits by writing a new value. This value will be used at the
next start of the External Oscillator / Low Power Oscillator.
• Bit 3 – RCE: Enable RC Oscillator
The RCE bit must be written to logic one to enable the RC Oscillator. The RCE bit must be writ-
ten to logic zero to disable the RC Oscillator.
• Bit 2 – EXTE: Enable External Oscillator / Low Power Oscillator
The OSCE bit must be written to logic one to enable External Oscillator / Low Power Oscillator.
The OSCE bit must be written to logic zero to disable the External Oscillator / Low Power
Oscillator.
• Bit 0 – CLKS: Clock Selector
The CLKS bit must be written to logic one to select the External Oscillator / Low Power Oscillator
as CPU clock. The CLKS bit must be written to logic zero to select the RC Oscillator as CPU
clock. After a reset, the CLKS bit is set by hardware if the External Oscillator / Low Power Oscil-
lator is selected by the fuse bits configuration.
The firmware has to check if the clock is correctly started before selected it.
6.2.4
Clock Selection Register 1 – CLKSEL1
• Bit 7-4 – RCCKSEL[3:0]: CKSEL for RC oscillator
Clock configuration for the RC Oscillator. After a reset, this part of the register is loaded with the
0010b value that corresponds to the RC oscillator. Modifying this value by firmware before
switching to RC oscillator is prohibited because the RC clock will not start.
• Bit 3-0 – EXCKSEL[3:0]: CKSEL for External oscillator / Low Power Oscillator
Clock configuration for the External Oscillator / Low Power Oscillator. After a reset, if the Exter-
nal oscillator / Low Power Oscillator is selected by fuse bits, this part of the register is loaded
with the fuse configuration. Firmware can modify it to change the start-up time after the clock
switch.
Bit
7
654
3
2
1
0
RCCKSE
L3
RCCKS
EL2
RCCLK
SEL1
RCCLK
SEL0
EXCKSE
L3
EXCKSE
L2
EXCLKS
EL1
EXCLKS
EL0
CLKSEL1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
1
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com