Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB82 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 36Page - ATMEL Corporation AT90USB82 Datasheet HTML 37Page - ATMEL Corporation AT90USB82 Datasheet HTML 38Page - ATMEL Corporation AT90USB82 Datasheet HTML 39Page - ATMEL Corporation AT90USB82 Datasheet HTML 40Page - ATMEL Corporation AT90USB82 Datasheet HTML 41Page - ATMEL Corporation AT90USB82 Datasheet HTML 42Page - ATMEL Corporation AT90USB82 Datasheet HTML 43Page - ATMEL Corporation AT90USB82 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 306 page
background image
40
7707E–AVR–11/08
AT90USB82/162
Figure 7-3.
3.3V configuration
Important note:
In the 3.3V configuration, the internal regulator is bypassed. The regulator has to be disabled to
avoid extra power consumption.
7.0.1
Regulator Control Register – REGCR
• Bit 0 – REGDIS: Regulator Disable
Set this bit to disable the internal 3.3V regulator. This bit should be used only in a full 3.3V appli-
cation. This bit is reset to 0 in every case. The firmware has the responsability to set it after each
reset if required.
USB Pad
PS/2 Pad
AVR Core I/O
3.3V Reg
Comparator
UVSS
VSS
UVCC
UCAP
VCC
Band
Gap
POR
BOD
PLL
AVCC
(3.3V)
Bit
7
65
43
21
0
--
--
--
-REGDIS
REGCR
Read/Write
RR
RR
RR
RR/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com