Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB82 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 35Page - ATMEL Corporation AT90USB82 Datasheet HTML 36Page - ATMEL Corporation AT90USB82 Datasheet HTML 37Page - ATMEL Corporation AT90USB82 Datasheet HTML 38Page - ATMEL Corporation AT90USB82 Datasheet HTML 39Page - ATMEL Corporation AT90USB82 Datasheet HTML 40Page - ATMEL Corporation AT90USB82 Datasheet HTML 41Page - ATMEL Corporation AT90USB82 Datasheet HTML 42Page - ATMEL Corporation AT90USB82 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 306 page
background image
39
7707E–AVR–11/08
AT90USB82/162
7. Power Distribution
The AT90USB82/162 product includes an internal 5V to 3.3V regulator that
allows to supply the USB pad (see Figure 7-1.) and, depending on the applica-
tion, external components or even the microcontroller itself (see Figure 7-2.).
Figure 7-1.
5V configuration
Figure 7-2.
5V / 3.3V configuration
USB Pad
PS/2 Pad
AVR Core I/O
3.3V Reg
Comparator
UVSS
VSS
UVCC
UCAP
VCC
VBus or PS/2 Vcc (5V)
Band
Gap
POR
BOD
PLL
AVCC
USB or PS/2 connector
USB Pad
PS/2 Pad
AVR Core I/O
3.3V Reg
Comparator
UVSS
VSS
UVCC
UCAP
VCC
VBus or PS/2 Vcc (5V)
Band
Gap
POR
BOD
PLL
AVCC
USB or PS/2 connector
at least 50 mA
for external chips
(3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com