Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB82 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 45Page - ATMEL Corporation AT90USB82 Datasheet HTML 46Page - ATMEL Corporation AT90USB82 Datasheet HTML 47Page - ATMEL Corporation AT90USB82 Datasheet HTML 48Page - ATMEL Corporation AT90USB82 Datasheet HTML 49Page - ATMEL Corporation AT90USB82 Datasheet HTML 50Page - ATMEL Corporation AT90USB82 Datasheet HTML 51Page - ATMEL Corporation AT90USB82 Datasheet HTML 52Page - ATMEL Corporation AT90USB82 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 306 page
background image
49
7707E–AVR–11/08
AT90USB82/162
9.5
Brown-out Detection
AT90USB82/162 has an On-chip Brown-out Detection (BOD) circuit for monitoring the VCC level
during operation by comparing it to a fixed trigger level. The trigger level for the BOD can be
selected by the BODLEVEL Fuses. The trigger level has a hysteresis to ensure spike free
Brown-out Detection. The hysteresis on the detection level should be interpreted as VBOT+ =
VBOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
Note:
1. VBOT may be below nominal minimum operating voltage for some devices. For devices where
this is the case, the device is tested down to VCC = VBOT during the production test. This guar-
antees that a Brown-Out Reset will occur before VCC drops to a voltage where correct
operation of the microcontroller is no longer guaranteed. The test is performed using
BODLEVEL = 110 for AT90USB82/162 and BODLEVEL = 101 for AT90USB82/162L.
When the BOD is enabled, and VCC decreases to a value below the trigger level (VBOT- in Figure
9-5), the Brown-out Reset is immediately activated. When VCC increases above the trigger level
(VBOT+ in Figure 9-5), the delay counter starts the MCU after the Time-out period tTOUT has
expired.
The BOD circuit will only detect a drop in VCC if the voltage stays below the trigger level for lon-
ger than tBOD given in Table 9-1.
Table 9-2.
BODLEVEL Fuse Coding(1)
BODLEVEL 2..0 Fuses
Min VBOT
Typ VBOT
Max VBOT
Units
111
BOD Disabled
110
2.5
2.7
2.9
V
101
2.7
2.9
3.1
100
2.8
3.0
3.2
011
3.3
3.5
3.7
010
3.4
3.6
3.8
001
3.8
4.0
4.2
000
4.1
4.3
4.5
Table 9-3.
Brown-out Characteristics
Symbol
Parameter
Min
Typ
Max
Units
VHYST
Brown-out Detector Hysteresis
50
mV
tBOD
Min Pulse Width on Brown-out Reset
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com