Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6909 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6909
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6909 Datasheet HTML 3Page - Linear Technology LTC6909 Datasheet HTML 4Page - Linear Technology LTC6909 Datasheet HTML 5Page - Linear Technology LTC6909 Datasheet HTML 6Page - Linear Technology LTC6909 Datasheet HTML 7Page - Linear Technology LTC6909 Datasheet HTML 8Page - Linear Technology LTC6909 Datasheet HTML 9Page - Linear Technology LTC6909 Datasheet HTML 10Page - Linear Technology LTC6909 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC6909
7
6909f
BLOCK DIAGRAM
OUT1
6909 BD
V+A
SET
16
MOD
5
OUT2
6
OUT3
7
OUT4
8
OUT5
9
OUT6
10
OUT7
11
OUT8
12
1
OUTPUT
PHASING
DRIVERS
POR
PH0 PH1 PH2
V+D
(SSFM = OFF)
3-STATE
INPUT DECODER
WHEN A CLOCK SIGNAL IS PRESENT AT THE
MOD PIN INPUT, THE MODULATION IS DISABLED
PSEUDORANDOM
CODE GENERATOR
–
+
fMASTER = 20MHz • 10k •
= 20MHz • 10k/RSET
V+ – VSET
MASTER
OSCILLATOR
IMASTER
IMASTER
IREF
MDAC
VBIAS
RSET
VSET
OUT
V
V+
GND
14
GND 2
+
–
+
–
ISET =
RSET
V+ – VSET
3
4
15
13
DRIVER
DRIVER
DRIVER
DRIVER
DRIVER
DRIVER
DRIVER
DRIVER
OUTPUT
Hi-Z
UNTIL
STABLE
DIVIDE BY
16/32/64
DETECT
CLOCK INPUT
1 POLE
LPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com