Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6909 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC6909
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC6909 Datasheet HTML 12Page - Linear Technology LTC6909 Datasheet HTML 13Page - Linear Technology LTC6909 Datasheet HTML 14Page - Linear Technology LTC6909 Datasheet HTML 15Page - Linear Technology LTC6909 Datasheet HTML 16Page - Linear Technology LTC6909 Datasheet HTML 17Page - Linear Technology LTC6909 Datasheet HTML 18Page - Linear Technology LTC6909 Datasheet HTML 19Page - Linear Technology LTC6909 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC6909
20
6909f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0209 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1kHz to 33MHz ThinSOT™ Oscillator, Resistor Set
Wide Frequency Range
LTC6900
1kHz to 20MHz ThinSOT Oscillator, Resistor Set
Low Power, Wide Frequency Range
LTC6902
Multiphase Oscillator with Spread Spectrum Modulation
2-, 3- or 4-Phase Outputs
LTC6903/LTC6904 1kHz to 68MHz Serial Port Programmable Oscillator
0.1% Frequency Resolution, I2C or SPI Interface
LTC6905
17MHz to 170MHz ThinSOT Oscillator, Resistor Set
High Frequency, 100μs Start-Up, 7ps RMS Jitter
LTC6905-XXX
Fixed Frequency ThinSOT Oscillators, Up to 133MHz
No Trim Components Required
LTC6906
Micropower ThinSOT Oscillator, Resistor Set
10kHz to 1MHz, 12mA at 100kHz
LTC6907
Micropower ThinSOT Oscillator, Resistor Set
40kHz to 4MHz, 36μA at 400kHz
LTC6908-1
50kHz to 10MHz Dual Output ThinSOT Oscillator, Resistor Set
Complementary Outputs (0°/180°)
LTC6908-2
50kHz to 10MHz Dual Output ThinSOT Oscillator, Resistor Set
Quadrature Outputs (0°/90°)
LTC6930-XXX
Fixed Frequency Oscillator, 32.768kHz to 8.192MHz
0.09% Accuracy, 110μs Startup Time, 105μA at 32kHz
ThinSOT is a trademark of Linear Technology Corporation.
TYPICAL APPLICATION
RELATED PARTS
LTC6909
INPUT
SUPPLY
0.1μF
0.1μF
35.7k
LTM4601
INTVCC
LTM4601-1
LTM4601-1
LTM4601-1
TRACKING
S0FT-START
OUTPUT1
OUTPUT2
OUTPUT3
OUTPUT4
OUTPUT3
OUTPUT4
OUTPUT3
OUTPUT4
TRACKING
TRACKING
V+D
GND
V+A
SET
PH0
PH1
PH2
MOD
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
LTM4601-1
LTM4601-1
LTM4601-1
LTM4601-1
TRACKING
TRACKING
TRACKING
TRACKING
6909 TA05
Providing an 8-Phase Synchronizing Clock to LTM Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com