Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6909 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6909
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6909 Datasheet HTML 5Page - Linear Technology LTC6909 Datasheet HTML 6Page - Linear Technology LTC6909 Datasheet HTML 7Page - Linear Technology LTC6909 Datasheet HTML 8Page - Linear Technology LTC6909 Datasheet HTML 9Page - Linear Technology LTC6909 Datasheet HTML 10Page - Linear Technology LTC6909 Datasheet HTML 11Page - Linear Technology LTC6909 Datasheet HTML 12Page - Linear Technology LTC6909 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC6909
9
6909f
OPERATION
Figure 2a. Output Waveforms for Different PH Settings
MASTER OSCILLATOR
OUT1
OUT2
OUT3
OUT4 Hi-Z
OUT5 Hi-Z
OUT6 Hi-Z
OUT7 Hi-Z
OUT8 Hi-Z
OUT1
OUT2
OUT3
OUT4
OUT5 Hi-Z
OUT6 Hi-Z
OUT7 Hi-Z
OUT8 Hi-Z
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6 Hi-Z
OUT7 Hi-Z
OUT8 Hi-Z
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7 Hi-Z
OUT8 Hi-Z
6909 F02a
PH2 - PH1 - PH0 = 000
ALL OUTPUTS ARE Hi-Z
PH2 - PH1 - PH0 = 001
ALL OUTPUTS ARE LOW
PH2 - PH1 - PH0 = 010
PH = 3, fOUTPUT = fMASTER/3
ADJACENT OUTPUTS ARE PHASE SHIFTED BY 120°
PH2 - PH1 - PH0 = 011
PH = 4, fOUTPUT = fMASTER/4
ADJACENT OUTPUTS ARE PHASE SHIFTED BY 90°
PH2 - PH1 - PH0 = 100
PH = 5, fOUTPUT = fMASTER/5
ADJACENT OUTPUTS ARE PHASE SHIFTED BY 72°
PH2 - PH1 - PH0 = 101
PH = 6, fOUTPUT = fMASTER/6
ADJACENT OUTPUTS ARE PHASE SHIFTED BY 60°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com