Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6909 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6909
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6909 Datasheet HTML 2Page - Linear Technology LTC6909 Datasheet HTML 3Page - Linear Technology LTC6909 Datasheet HTML 4Page - Linear Technology LTC6909 Datasheet HTML 5Page - Linear Technology LTC6909 Datasheet HTML 6Page - Linear Technology LTC6909 Datasheet HTML 7Page - Linear Technology LTC6909 Datasheet HTML 8Page - Linear Technology LTC6909 Datasheet HTML 9Page - Linear Technology LTC6909 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC6909
6
6909f
V+A (Pin 1): Analog Voltage Supply (2.7V ≤ V+A ≤ 5.5V).
This supply should be kept free of noise and ripple. It
should be bypassed directly to GND with a 0.1μF or greater
low ESR capacitor. V+A and V+D must be connected to the
same supply voltage.
GND (Pin 2): Ground Connections. Should be tied to a
ground plane for best performance.
PH0, PH1, PH2 (Pins 3, 4, 15): Output Phasing Selec-
tion Pins. These are standard CMOS logic input pins and
they do not have an internal pull-up or pull-down. These
pins must be connected to a valid logic input 0 or 1 volt-
age. Connect the pins to GND for a logic 0 and to the V+D
pin for a logic 1. These pins configure the output phase
relationships as follows:
PH2
PH1
PH0
MODE
0
0
0
All Outputs Are Floating (Hi-Z)
0
0
1
All Outputs Are Held Low
0
1
0
3-Phase Mode (PH = 3)
0
1
1
4-Phase Mode (PH = 4)
1
0
0
5-Phase Mode (PH = 5)
1
0
1
6-Phase Mode (PH = 6)
1
1
0
7-Phase Mode (PH = 7)
1
1
1
8-Phase Mode (PH = 8)
The PH0, PH1, PH2 pin connections not only determine
the phase relationship of the output signals but also divide
the master oscillator frequency by the value PH.
OUT1 Through OUT8 (Pins 5 Through 12): Oscillator
Outputs. These are CMOS rail-to-rail logic outputs with
a series resistance of approximately 40Ω, capable of
driving 1k and/or 50pF loads. Larger loads may cause
minor frequency inaccuracies due to supply bounce at high
frequencies. When any output pin is not in use, it is in a
floating, high impedance state. The outputs are also held
in a high impedance state during start-up. After the part’s
internal frequency setting loop has settled, the outputs
are active, clean and operating at the set frequency (first
cycle accurate).
V+D (Pin 13):
Digital Voltage Supply (2.7V ≤ V+D ≤ 5.5V).
This pin should be bypassed directly to GND with a 0.1μF
or greater low ESR capacitor. V+D and V+A must be con-
nected to the same supply voltage.
MOD (Pin 14): Spread Spectrum Frequency Modulation
Setting Input. This input selects among four modulation
rate settings. The MOD pin should be tied to ground for
an fOUT/16 modulation rate. Floating the MOD pin selects
an fOUT/32 modulation rate. The MOD pin should be tied
to V+D for the fOUT/64 modulation rate. Tying one of the
active outputs to the MOD pin turns the modulation off.
To detect a floating MOD pin, the LTC6909 attempts to
pull the pin to the midsupply point. This is realized with
two internal current sources, one tied to V+D and MOD
and the other one tied to GND and MOD. Therefore, driv-
ing the MOD pin high requires sourcing approximately
2μA. Likewise, driving the MOD pin low requires sinking
approximately 2μA. When the MOD pin is floated for the
fOUT/32 modulation rate, it must be bypassed using a
1nF or larger, capacitor to GND. Any AC signal coupling
to the MOD pin could potentially be detected and stop the
frequency modulation.
SET (Pin 16): Frequency Setting Resistor Input. The value
of the resistor connected between this pin and V+A deter-
mines the frequency of the master oscillator. The output
frequency, fOUT, is the master oscillator frequency divided
by PH as set by the PH0, PH1 and PH2 pin connections.
The voltage on this pin is held approximately 1.1V below
V+A. For best performance, use a precision metal film
resistor with a value between 20k and 400k, and limit the
capacitance on the pin to less than 10pF. Resistor values
outside of this range will have some loss of accuracy as
noted in the Electrical Characteristics table.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com