Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6909 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6909
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6909 Datasheet HTML 4Page - Linear Technology LTC6909 Datasheet HTML 5Page - Linear Technology LTC6909 Datasheet HTML 6Page - Linear Technology LTC6909 Datasheet HTML 7Page - Linear Technology LTC6909 Datasheet HTML 8Page - Linear Technology LTC6909 Datasheet HTML 9Page - Linear Technology LTC6909 Datasheet HTML 10Page - Linear Technology LTC6909 Datasheet HTML 11Page - Linear Technology LTC6909 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC6909
8
6909f
IRES (μA)
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.1
10
100
1000
6909 F01
1
V+ = 5V
V+ = 3V
TA = 25°C
As shown in the Block Diagram, the LTC6909’s master
oscillator is controlled by the ratio of the voltage between
the V+A and SET pins and the current entering the SET pin
(IMASTER). When the spread spectrum frequency modula-
tion (SSFM) is disabled, IMASTER is strictly determined
by the (V+A – VSET) voltage and the RSET resistor. When
SSFM is enabled, IMASTER is modulated by a filtered pseu-
dorandom noise (PRN) signal. Here the IMASTER current is
a random value uniformly distributed between (ISET – 10%)
and (ISET + 10%). In this way, the frequency is modulated
to produce an approximately flat frequency spectrum,
centered about the set frequency with a bandwidth equal
to approximately 20% of the center frequency.
The voltage on the SET pin is forced to approximately
1.1V below V+A by the PMOS transistor and its gate bias
voltage. This voltage is accurate to ±5% at a particular
input current and supply voltage (see Figure 1). The
LTC6909 is optimized for use with resistors between 20k
and 400k corresponding to master oscillator frequencies
between 500kHz and 10MHz. Accurate master oscillator
frequencies up to 20MHz (RSET = 10k) are attainable if
the supply voltage is greater than 4V. The RSET resistor,
connected between the V+A and SET pins, locks together
the (V+A – VSET) voltage and the current ISET. This allows
the parts to attain excellent frequency accuracy regardless
of the precision of the SET pin. The master oscillation
frequency is:
fMASTER = 20MHz • 10k/RSET
Figure 1. V+ – VSET Variation with IRES
When the spread spectrum frequency modulation (SSFM)
is disabled, the master oscillator frequency is stationary.
When SSFM is enabled, the master oscillator frequency
varies from 0.9 • fMASTER to 1.1 • fMASTER.
Output Frequency and Configurations
The output frequency of the LTC6909 is set by the RSET
resistor value and the connections of the PH0, PH1 and
PH2 logic input pins. The following formula defines the
relationship:
fOUT = 20MHz • 10k/(RSET • PH)
where PH = 3, 4, 5, 6, 7 or 8 and is defined as follows:
PH2
PH1
PH0
MODE
0
0
0
All Outputs Are Floating (Hi-Z)
0
0
1
All Outputs Are Held Low
0
1
0
3-Phase Mode (PH = 3)
0
1
1
4-Phase Mode (PH = 4)
1
0
0
5-Phase Mode (PH = 5)
1
0
1
6-Phase Mode (PH = 6)
1
1
0
7-Phase Mode (PH = 7)
1
1
1
8-Phase Mode (PH = 8)
The PH0, PH1 and PH2 pins are standard logic input pins.
These pins do not have any active pull-up or pull-down
circuitry. As such, they cannot be left floating and must be
connected to a valid logic high or low voltage. The PH0,
PH1 and PH2 pin connections not only divide the master
oscillator frequency by the value PH but also determine
the phase relationship between the output signals. Figure
2 shows the output waveforms for each of the eight pos-
sible output configurations.
Note that 2-phase, complementary (180° phase shifted)
outputs are available in the 4-, 6- and 8-phase modes
by choosing the correct pair of signals. For example, in
4-phase mode, OUT1 and OUT3 (or OUT2 and OUT4) are
complementary.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com